Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5258 Datasheet(PDF) 11 Page - AMETHERM Circuit Protection Thermistors

Part # AME5258
Description  1.5MHz, 600mA Synchronous Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME5258 Datasheet(HTML) 11 Page - AMETHERM Circuit Protection Thermistors

Back Button AME5258 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 12Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 13Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 14Page - AMETHERM Circuit Protection Thermistors AME5258 Datasheet HTML 15Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AME
11
AME5258
1.5MHz, 600mA
Synchronous Buck Converter
Rev.A.05
Figure 9: 3.3V Step-Down Regulator
PC Board Layout Checklist
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the
AME5258. These items are also illustrated graphically in Figures 10 and Figures 11 . Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the V
IN trace should be kept short, direct and wide.
2. Does the V
FB pin connect directly to the feedback resistors? The resistive divider R1/R2 must be connected between
the (+) plate of C
OUT and ground.
3. Does the (+) plate of CIN connect to V
IN as closely as possible? This capacitor provides the AC current to the internal
power MOSFETs.
4. Keep the switching node, SW, away from the sensitive V
FB node.
5. Keep the (-) plates of C
IN and COUT as close as possible.
Figure 10: AME5258 Adjustable Voltage
Regulator Layout Diagram
Figure 11: AME5258 Fixed Voltage
Regulator Layout Diagram
Figure 8: 3V Step-Down Regulator
SW
FB
GND
IN
EN
R2
R1
VOUT
AME5258
L1
COUT
CIN
CFWD
+
+
-
-
VIN
SW
GND
IN
EN
VOUT
L1
COUT
+
+
-
-
AME5258
VOUT
CIN
VIN
SW
FB
GND
IN
EN
960K
240K
VOUT
AME5258
VIN
COUT
10
µF
CER
COUT
CER
3V
3.3V to 5.5V
22pF
2.2
µH
4.7
µF
SW
FB
GND
IN
EN
887K
196K
VOUT
AME5258
COUT
10
µF
CER
COUT
CER
3.3V
3.6V to 5.5V
22pF
VIN
2.2
µH
4.7
µF


Similar Part No. - AME5258

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results

Similar Description - AME5258

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com