Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GOG9XX03W Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GOG9XX03W
Description  THREE PHASE AC-DC BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GOG9XX03W Datasheet(HTML) 1 Page - Green Power Solutions srl

  GOG9XX03W Datasheet HTML 1Page - Green Power Solutions srl GOG9XX03W Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GOG9xx03W
THREE PHASE AC-DC BRIDGE
Fuse protection
Temperature sensors
Snubber for SCR's protections
Water cooling
Lowest overall dimensions
LINE VOLTAGE UP TO 500V
DC OUTPUT CURRENT 350A
GOG9xx03W
Line to line voltage
Characteristic
Conditions
IDC
DC output current
350 A
350 A
VINS (rms)
Insulation voltage
3000 V
3000 V
THYRISTOR CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
3V
3V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
300 mA
300 mA
dV/dt
Critical rate of rise off-state voltage
Tj= 125 °C
1000 V/us
1000 V/us
VRRM
Blocking Voltage
Tj = 125 °C
1200 V
1600 V
FUSE TYPE SIBA 2041220.200
VNF
Rated voltage
690 V
690 V
INF
Rated current
200 A
200 A
MECHANICAL AND THERMAL CHARACTERISTICS
Width
240 mm
240 mm
Depth
119 mm
119 mm
Height
384 mm
384 mm
Mass
20 kg
20 kg
Tw max
Max water Temp.
30 °C
30 °C
Tstg
Storage temperature
-40/60 °C
-40/60 °C
Document GOG9xx03WT001
400
500
Value
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GOG9XX03W

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K28 GPSEMI-GOG91K28 Datasheet
281Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K28 GPSEMI-GOG91K28_17 Datasheet
213Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K48 GPSEMI-GOG91K48 Datasheet
292Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results

Similar Description - GOG9XX03W

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GOG91K14 GPSEMI-GOG91K14_17 Datasheet
149Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94024 GPSEMI-GOG94024_17 Datasheet
166Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94034 GPSEMI-GOG94034_17 Datasheet
239Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95027 GPSEMI-GOG95027_17 Datasheet
169Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94020 GPSEMI-GOG94020 Datasheet
183Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG91K14 GPSEMI-GOG91K14 Datasheet
378Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96017 GPSEMI-GOG96017 Datasheet
241Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94027 GPSEMI-GOG94027 Datasheet
252Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG96024 GPSEMI-GOG96024 Datasheet
349Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG94015 GPSEMI-GOG94015 Datasheet
249Kb / 3P
   THREE PHASE AC-DC BRIDGE
GOG95012 GPSEMI-GOG95012_17 Datasheet
167Kb / 3P
   THREE PHASE AC-DC BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com