Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1747-XXGJ3 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1747-XXGJ3
Description  300mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1747-XXGJ3 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1747-XXGJ3 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1747-XXGJ3 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AIC1747
300mA Linear Regulator With Bypass Pin
Analog Integrations Corporation
Si-Soft Research Center
DS-1747G-02 100808
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Guarantee 300mA Output Current.
Fast Response in Line/Load Transient
Wide Operating Voltage Ranges: 2.0V to 5.5V.
0.01μA Shutdown Standby Current
Low Quiescent Current:80µA.
Output Voltage is available within 1.1~4.2V
Low Dropout:270mV at 300mA
PSRR:60dB at 1kHz.
Active High Shutdown Control.
Fixed: 1.1, 1.2, 1.3, 1.5, 1.8, 2.5, 2.7, 2.8, 2.85,
3.0, 3.3, 3.5, 3.7, 3.8 Output Voltage.
Current Limit and Thermal Protection.
Available in
±2% Output Tolerance.
Available in 3 & 5 lead of SOT-23, TSOT23,
SC70, & SOT-89 & DFN 6L 2x2 Package.
APPLICATIONS
l Communication Equipment.
Portable Consumer Equipments.
TYPICAL APPLICATION CIRCUIT
Cellular Phones.
PCMCIA Cards
Laptop, Palmtops, Notebook Computers
Persona
PDAs.
Digital Still Cameras.
DESCRIPTION
AIC1747 is optimized for low ESR ceramic
capacitor operation with 300mA continuous
current. The AIC1747 is designed for portable RF
and
wireless
applications
with
demanding
performance and space requirements.
The AIC1747 offers high precision output voltage
of
±2% tolerance. Output Voltage is available
within 1.1~4.2V. There are version of 1.1, 1.2, 1.3,
1.5, 1.8, 2.5, 2.7, 2.8, 2.85, 3.0, 3.3, 3.5, 3.7, and
3.8 for a fixed output voltage.
A noise bypass pin is available for further
reduction of output noise. At 300mA load current,
a 270mV dropout can be performed. The quality
of low quiescent current and low dropout voltage
makes the device ideal for battery power
applications. The high ripple rejection and low
noise
of
the
AIC1747
provide
enhanced
performances for critical applications such as
cellular phones, and PDAs.
In addition, a logic-level shutdown input is
included, which reduce supply current to less than
0.01μA (typ.) in shutdown mode with fast turn-on
& off time less than 50 μ s & 30 μ s. The
AIC1747’s current limit and thermal protection
provide protection against any overload condition
that would cause excessive junction temperatures.
CIN
1
µF
VIN
BP
VOUT
GND
VIN
AIC1747
COUT
1
µF
CBP
0.1nF
VOUT
EN
Ultra LDO Regulator


Similar Part No. - AIC1747-XXGJ3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CE AIC-AIC1740-18CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CF AIC-AIC1740-18CF Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CY AIC-AIC1740-18CY Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-20CE AIC-AIC1740-20CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1747-XXGJ3

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1746 AIC-AIC1746_15 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com