Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1899PK Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1899PK
Description  1.0MHz Current-Mode Step-Up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1899PK Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1899PK Datasheet HTML 2Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 3Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 4Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 5Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 6Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 7Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 8Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 9Page - Analog Intergrations Corporation AIC1899PK Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AIC1899
10
SOT-23-6
Note:
Information provided by AIC is believed to be accurate and reliable. However, we cannot assume responsibility for use of any
circuitry other than circuitry entirely embodied in an AIC product; nor for any infringement of patents or other rights of third
parties that may result from its use. We reserve the right to change the circuitry and specifications without notice.
Life Support Policy: AIC does not authorize any AIC product for use in life support devices and/or systems. Life support devices
or systems are devices or systems which, (I) are intended for surgical implant into the body or (ii) support or sustain life, and
whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
c
A
A
2
b
WITH PLATING
VIEW B
θ
L1
L
SEATING PLANE
GAUGE PLANE
0.
25
A
1
SECTION A-A
BASE METAL
e1
D
E
A
A
E
1
SEE VIEW B
e
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.42 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23-6
MILLIMETERS
Note : 1. Refer to JEDEC MO-178AB.
2. Dimension "D" does not include mold flash, protrusions
or gate burrs. Mold flash, protrusion or gate burrs shall not
exceed 10 mil per side.
3. Dimension "E1" does not include inter-lead flash or protrusions.
4. Controlling dimension is millimeter, converted inch
dimensions are not necessarily exact.


Similar Part No. - AIC1899PK

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GG AIC-AIC1896GG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GK AIC-AIC1896GK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PG AIC-AIC1896PG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PK AIC-AIC1896PK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
More results

Similar Description - AIC1899PK

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
   1.0MHz STEP-UP DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
   2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com