Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1896GG Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1896GG
Description  1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1896GG Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1896GG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1896GG Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AIC1896
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
2
3
4
5
6
7
8
9
10
11
65
70
75
80
85
90
FB=1.3V
SHDN=1.0V
Supply Voltage (V)
Fig. 9
Non-Switching Current
μ
Fig. 10
Feedback Pin Voltage
Temperature (°C)
-50
-25
0
25
50
75
100
1.20
1.21
1.22
1.23
1.24
1.25
VIN=3.6V
0
100
200
300
400
500
600
60
65
70
75
80
85
90
Output Current (mA)
Fig. 11
Efficiency vs. Output Current
(L1=10µH, test circuit refer to p.3)
VOUT=5.0V
L1: GTSK-51-100M
VIN=4.2V
VIN=3.3V
VIN=2.5V
VIN=3.6V
VIN=2.7V
Output Current (mA)
Fig. 12
Efficiency vs. output current
(L1=22µH, test circuit refer to p.3)
0
50
100
150
200
60
65
70
75
80
85
90
VIN=3.3V
VIN=5.0V
VIN=3.6V
VIN=4.2V
VOUT=12V
L1: SLF6025-220MR
Fig. 13(a) Maximum Output current vs. Supply Voltage
(L1: 10µH, test circuit refer to p.3)
Supply Voltage (V)
2
3
4
5
6
7
8
9
10
100
200
300
400
500
600
700
800
VOUT=15V
VOUT=13V
VOUT=9V
VOUT=5V
Maximum output current
defined at 90% of no load
output voltage
50
100
150
200
250
300
350
3
4
5
6
7
8
9
10
11
0
Maximum output current
defined at 90% of no load
output voltage
Fig. 13(b) Maximum Output Current vs. Supply Voltage
(L1:22µH, test circuit refer to p.3)
Supply Voltage (V)
VOUT=30V
VOUT=20V
VOUT=25V


Similar Part No. - AIC1896GG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GG AIC-AIC1899GG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899GK AIC-AIC1899GK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PG AIC-AIC1899PG Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
AIC1899PK AIC-AIC1899PK Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results

Similar Description - AIC1896GG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
ams AG
AS1330 AMSCO-AS1330 Datasheet
1Mb / 16P
   4MHz, Low Voltage, DC-DC Step-Up Converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
logo
AiT Semiconductor Inc.
A7545 AITSEMI-A7545 Datasheet
448Kb / 8P
   DC-DC CONVERTER/BOOST (STEP-UP) LOW-NOISE 4.5A STEP-UP CURRENT MODE PWM CONVERTER
REV1.0
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com