Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ10025 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # MJ10025
Description  POWER TRANSISTORS(20A,750-850V,250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ10025 Datasheet(HTML) 3 Page - Mospec Semiconductor

  MJ10025 Datasheet HTML 1Page - Mospec Semiconductor MJ10025 Datasheet HTML 2Page - Mospec Semiconductor MJ10025 Datasheet HTML 3Page - Mospec Semiconductor MJ10025 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Similar Part No. - MJ10025

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MJ10025 NJSEMI-MJ10025 Datasheet
122Kb / 3P
   NPN SILICON POWER DARLINGTON TRANSISTOR
More results

Similar Description - MJ10025

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Nell Semiconductor Co.,...
MJ15003 NELLSEMI-MJ15003 Datasheet
208Kb / 4P
   Complementary Silicon power transistors (20A / 140V / 250W)
logo
Mospec Semiconductor
MJ10022 MOSPEC-MJ10022 Datasheet
202Kb / 4P
   POWER TRANSISTORS(40A,350-400V,250W)
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
   POWER TRANSISTORS(50A,400-500V,250W)
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
2N5038 MOSPEC-2N5038 Datasheet
89Kb / 2P
   POWER TRANSISTORS(20A,140W)
2N6282 MOSPEC-2N6282 Datasheet
211Kb / 4P
   POWER TRANSISTORS(20A,160W)
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
MicroPower Direct, LLC
LDC-240 MPD-LDC-240 Datasheet
1Mb / 4P
   250W Output Power
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com