Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC7660PN8TB Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC7660PN8TB
Description  Switched-Capacitor Voltage Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC7660PN8TB Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC7660PN8TB Datasheet HTML 1Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 2Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 3Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 4Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 5Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 6Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 7Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 8Page - Analog Intergrations Corporation AIC7660PN8TB Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC7660
Switched-Capacitor Voltage Converter
Analog Integrations Corporation
Si-Soft Research Center
DS-7660P-01 112206
3A1, No.1, Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan, R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Lowest Output Impedance (Typical 35
Ω at
VIN=5V).
Improved Direct Replacement for the Popular
7660.
1.5V to 6V Operation.
No External Diode Required.
Simple Conversion of +5V to -5V.
Low Quiescent Current (Typical 36
µA at VIN=5V).
High Power Efficiency (Typical 98%)
Boost Pin for Higher Switching Frequency.
Improved SCR Latch-up Protection.
APPLICATIONS
RS-232 Power Supplies.
Handheld Instruments.
Data Acquisition Systems.
Supply Splitter, VOUT= ±VIN /2.
Operational Amplifier Supplies.
Panel Meter.
TYPICAL APPLICATION CIRCUIT
10
µF
C1
VOUT=-5V
VIN=5V
1
8
AIC7660
7
6
5
4
3
2
+
BOOST
CAP-
GND
CAP+
VIN
OSC
LV
VOUT
+
10
µF
C2
Negative Voltage Converter
DESCRIPTION
The AIC7660 is a monolithic CMOS switched
capacitor voltage converter. Designed to be an
improved direct replacement for the popular 7660
and LTC1044, the main function of the AIC7660
is to convert a positive input voltage in the range
of 1.5V to 6V to the corresponding negative
output voltage in the range of -1.5V to -6V. The
input voltage can also be doubled (VOUT = 2VIN),
divided (VOUT = VIN /2), or multiplied (VOUT =
±nVIN), as shown in application examples.
The chip contains a series DC power supply
regulator, oscillator, control circuitry and four
output power MOS switches. The frequency of
oscillator can be lowered by the addition of an
external capacitor to the OSC pin, or the
oscillator may be over-driven by an external
clock.
The boost function is available to raise the
oscillator frequency to optimize performance in
specific applications. The “LV” terminal may be
tied to GND to improve low input voltage (VIN
≤3.0V) operation, or be left floating for input
voltage larger than 3.0V to improve power
dissipation.
The AIC7660 provides performance superior to
previous designs by combining low output
impedance, low quiescent current with high
efficiency, and by eliminating diode drop voltage
losses. The only required external components
are two low cost electrolytic capacitors.


Similar Part No. - AIC7660PN8TB

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AIC ARCH-AIC Datasheet
162Kb / 2P
   Switching Power Module for PCB Mountable
AIC-12S ARCH-AIC-12S Datasheet
162Kb / 2P
   Switching Power Module for PCB Mountable
AIC-15S ARCH-AIC-15S Datasheet
162Kb / 2P
   Switching Power Module for PCB Mountable
AIC-24S ARCH-AIC-24S Datasheet
162Kb / 2P
   Switching Power Module for PCB Mountable
logo
PREMO CORPORATION S.L
AIC-2P-150-23 PREMO-AIC-2P-150-23 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
More results

Similar Description - AIC7660PN8TB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
[Old version datasheet]   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
   Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
   Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
   Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
Texas Instruments
LM2665 TI1-LM2665_16 Datasheet
1Mb / 20P
[Old version datasheet]   Switched Capacitor Voltage Converter
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
[Old version datasheet]   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com