Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1747-285GK5 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1747-285GK5
Description  300mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1747-285GK5 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1747-285GK5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1747-285GK5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AIC1747
5
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................................................................................................ 7V
EN Pin Voltage ..................................................................................................................................... 7V
Noise Bypass Terminal Voltage ........................................................................................................... 7V
Power Dissipation, PD @ TA = 25ºC
SOT23-5 ...................................................................................................................................400mW
TSOT23-5 .................................................................................................................................400mW
SOT-89-5 ..................................................................................................................................625mW
SC70-5......................................................................................................................................300mW
DFN 6L 2x2 ..............................................................................................................................606mW
Maximum Junction Temperature.................................................................................................... 150ºC
Operating Temperature Range ............................................................................................. -40ºC~85ºC
Storage Temperature Range .............................................................................................. -65ºC~150ºC
Lead Temperature (Soldering, 10 sec) .......................................................................................... 260ºC
Thermal Resistance - Junction to Case, R
θ JC
SOT-23-5 ..............................................................................................................................115
°C /W
TSOT23-5 ..............................................................................................................................115
°C /W
SOT-89-5 .................................................................................................................................45
°C /W
DFN 6L 2x2 .............................................................................................................................30
°C /W
Thermal Resistance - Junction to Ambient, R
θ JA
SOT-23-5 ...............................................................................................................................250
°C /W
TSOT23-5 ..............................................................................................................................250
°C /W
SOT-89-5 ...............................................................................................................................160
°C /W
SC70-5...................................................................................................................................333
°C /W
DFN 6L 2x2 ...........................................................................................................................165
°C /W
(Assume no ambient airflow, no heatsink)
bsolute Maximum Ratings are those values beyond which the life of a device may be impaired.
A
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT.


Similar Part No. - AIC1747-285GK5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CE AIC-AIC1740-18CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CF AIC-AIC1740-18CF Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-18CY AIC-AIC1740-18CY Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
AIC1740-20CE AIC-AIC1740-20CE Datasheet
116Kb / 7P
   Low Output Voltage, 500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1747-285GK5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1746 AIC-AIC1746_15 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Nuvoton Technology Corp...
NCT3703U NUVOTON-NCT3703U Datasheet
377Kb / 23P
   300mA Linear Regulator
logo
Analog Intergrations Co...
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Power Analog Micoelectr...
PAM3112 PAM-PAM3112 Datasheet
566Kb / 16P
   300mA CMOS Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com