Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL610G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBL610G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL610G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBL610G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL610G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
~ 441 ~
KBL6005G thru KBL610G
AMBIENT TEMPERATURE
°C
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
50
100
0
150
1.0
5.0
4.0
3.0
2.0
6.0
FIG.4
– TYPICAL REVERSE
CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ = 25
0.01
0.1
1.0
10
140
120
100
80
60
40
20
0
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25
°C
PULSE WIDTH:300us
0.01
0.1
1.0
10
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
NUMBER OF CYCLETS AT 60Hz
FLG.1-MAXIMUM FORWARD SUNRGE CURRENT
1
10
100
150
125
TJ=25
°C


Similar Part No. - KBL610G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KBL610G SECOS-KBL610G Datasheet
667Kb / 2P
   Voltage 50V ~ 1000V, 6.0 Amp Glass Passivated Bridge Rectifiers
logo
America Semiconductor, ...
KBL610G AMERICASEMI-KBL610G Datasheet
597Kb / 2P
   BRIDGE RECTIFIERS
logo
GeneSiC Semiconductor, ...
KBL610G GENESIC-KBL610G Datasheet
309Kb / 3P
   Silicon Bridge Rectifier
KBL610G GENESIC-KBL610G Datasheet
311Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBL610G GENESIC-KBL610G Datasheet
477Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results

Similar Description - KBL610G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com