Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDT101AYNT52A500DF Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # SDT101AYNT52A500DF
Description  platinumthin film thermal sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDT101AYNT52A500DF Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  SDT101AYNT52A500DF Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDT101AYNT52A500DF Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDT101
platinum thin film thermal sensors
Derating Curve
environmental applications
100
80
60
40
-60
Ambient Temperature
(˚C)
20
SDT101A
24
0
-40 -20 0 20 40 60 80 100120 140160 180 200 220240260280 300
-55
70
150
SDT101B
PMS 300 neg.
Black neg.
Resistance - Temperature Characteristic (Typical Value)
Performance Characteristics
Resistance
0°C
Within specified
tolerance
T.C.R.
0°C/ +100°C
Within specified
T.C.R.
Overload (Short Time)
Rated voltage x 2.5 for 5 seconds
±0.5%
Resistance to Solder Heat (SDT101A)
350°C, 1 second
±0.3%
Moisture Resistance
80°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%
Endurance at 70°C
70°C ± 3°C (SDT101A), 200°C ± 3°C (SDT101B), 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±1%
Rapid Change of Temperature
-55°C (30 minutes)/ +25°C (10 minutes)/ +150°C (30 minutes)/
+25°C (10 minutes), 5 cycles
±0.5%
Temperature
(°C)
-50
82.04
81.67
81.31
80.94
80.58
80.22
––
––
––
––
-40
85.66
85.29
84.93
84.57
84.21
83.85
83.49
83.12
82.76
82.40
-30
89.26
88.90
88.54
88.18
87.82
87.46
87.10
86.74
86.38
86.02
-20
92.85
92.49
92.13
91.78
91.42
91.06
90.70
90.34
89.98
89.62
-10
96.43
96.07
95.72
95.36
95.00
94.64
94.29
93.93
93.57
93.21
0
100.00
99.64
99.29
98.93
98.57
98.22
97.86
97.50
97.15
96.79
0
123
4
5
6
7
8
9
0
100.00 100.36 100.71 101.07 101.42 101.78 102.13 102.49 102.85 103.20
10
103.56 103.91 104.26 104.62 104.97 105.33 105.68 106.04 106.39 106.74
20
107.10 107.45 107.81 108.16 108.51 108.87 109.22 109.57 109.92 110.28
30
110.63 110.98 111.33
111.69 112.04
112.39 112.74 113.09 113.44 113.80
40
114.15 114.50 114.85 115.20 115.55
115.90 116.25 116.60 116.95 117.30
50
117.65 118.00 118.35 118.70 119.05
119.40 119.75 120.10 120.45 120.80
60
121.15 121.50 121.84 122.19 122.54 122.89 123.24 123.59 123.93 124.28
70
124.63 124.98 125.32 125.67 126.02 126.37 126.71 127.06 127.41 127.75
80
128.10 128.44 128.79 129.14 129.48 129.83 130.17 130.52 130.86 131.21
90
131.56 131.90 132.25 132.59 132.93 133.28 133.62 133.97 134.31 134.66
100
135.00 135.34 135.69 136.03 136.37 136.72 137.06 137.40 137.75 138.09
110
138.43 138.77 139.12 139.46 139.80 140.14 140.49 140.83 141.17 141.51
120
141.85 142.19 142.53 142.88 143.22 143.56 143.90 144.24 144.58 144.92
130
145.26 145.60 145.94 146.28 146.62 146.96 147.30 147.64 147.98 148.32
140
148.65 148.99 149.33 149.67 150.01 150.35 150.69 151.02 151.36 151.70
150
152.04 152.38 152.71 153.05 153.39 153.72 154.06 154.40 154.74 155.07
160
155.41 155.74 156.08 156.42 156.75 157.09 157.43 157.76 158.10 158.43
170
158.77 159.10 159.44 159.77 160.11 160.44 160.78 161.11 161.44 161.78
180
162.11 162.45 162.78 163.11 163.45 163.78 164.11 164.45 164.78 165.11
190
165.45 165.78 166.11 166.44 166.78 167.11 167.44 167.77 168.10 168.44
200
168.77 169.10 169.43 169.76 170.09 170.42 170.76 171.09 171.42 171.75
210
172.08 172.41 172.74 173.07 173.40 173.73 174.06 174.39 174.72 175.04
220
175.37 175.70 176.03 176.36 176.69 177.02 177.35 177.67 178.00 178.33
230
178.99 176.99 179.31 179.64 179.97 180.30 180.62 180.95 181.28 181.60
240
181.93 182.26 182.58 182.91 183.24 183.56 183.89 184.21 184.54 184.87
250
185.19 185.52 185.84 186.17 186.49 186.82 187.14 187.47 187.79 188.11
260
188.44 188.76 189.09 189.41 189.73 190.06 190.38 190.70 191.03 191.35
270
191.67 192.00 192.32 192.64 192.96 193.29 193.61 193.93 194.25 194.57
280
194.90 195.22 195.54 195.86 196.18 196.50 196.82 197.14 197.47 197.79
290
198.11 198.43 198.75 199.07 199.39 199.71 200.03 200.35 200.67 200.99
300
201.31 201.62 201.94 202.26 202.58 202.90 203.22 203.54 203.85 204.17
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
High Temperature Exposure
+150°C (SDT101A), +300°C (SDT101B), 1000 hours
±1%
Shelf Life
Left for 1 year on shelf in natural condition
±0.3%
––
––
±0.2%
±0.1%
±0.3%
±0.2%
±0.2%
±0.7%
±0.1%
Temperature Characteristics
2.0
1.6
50
100200250300
Ambient Temperature
(°C)
0
0
1.8
1.4
1.2
150
Note: Desired temperature values are obtained by adding temperatures in the vertical and horizontal axes. When calculating a
resistance value of 105°C, read the value in the column where 100°C in the vertical axis and 5°C in the horizontal axis
cross. The value will be 136.72
Ω.Thevaluefor500Ωat0°Cwillbethevalueobtainedbymultiplyingtheresistancevalue
in this table by 5. Similarly, the value for 10
Ωat0°Cwillbethevalueobtainedbydividingtheresistancevalueby10.
Parameter
Requirement
∆ R
Limit
Typical
Test Method
163
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/20/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:12 PM
Page 161


Similar Part No. - SDT101AYNT52A500DF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT101AYNT52A500DF KOA-SDT101AYNT52A500DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
More results

Similar Description - SDT101AYNT52A500DF

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDT73H2B KOA-SDT73H2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
SDT73V2B KOA-SDT73V2B Datasheet
87Kb / 2P
   platinumthin film thermal chip sensors (for automotive)
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
   platinum thin film thermal sensors
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
   platinum thin film thermal chip sensors
LP731J KOA-LP731J Datasheet
87Kb / 2P
   thin film resistance thermal chip sensors
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
SDT310HCTP KOA-SDT310HCTP Datasheet
247Kb / 2P
   small type platinum thin film thermal sensors (narrow)
SDT73V2BTTE100F385 KOA-SDT73V2BTTE100F385 Datasheet
340Kb / 2P
   platinum thin film thermal chip sensors (for automotive)
logo
Humirel
SA10111 HUMIREL-SA10111 Datasheet
570Kb / 1P
   SA series, high-precision,Pt-film thermal sensors.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com