Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSL1TTE Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TSL1TTE
Description  surface mount molded current sense resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TSL1TTE Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TSL1TTE Datasheet HTML 1Page - KOA Speer Electronics, Inc. TSL1TTE Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
34
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
SL, SLN, TSL
surface mount molded current sense resistors
features
Surface mount type
Flameproof UL94V0 molded polymer case
Excellent dimension accuracy, mountability
and shock resistance
Suitable for flow, reflow and hand soldering
Low profile type available (TSL)
Marking: Black body color with white marking
or laser marking
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
ordering information
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
±5%: 2 significant figures + 1
multiplier “R” indicates decimal
on value <10
±1%: 3 significant figures + 1
multiplier “R” indicates decimal
on value <100
All values less than 0.1
Ω (100mΩ)
are expressed in m
Ω with “L”
as decimal
Example: 20m
Ω, 1% = 20L0
0.75
Watt
1 Watt
2 Watt
3 Watt
SL
SLN
TSL
SL07, SL1, TSL-
(TE: 7" embossed plastic)
SL2, SLN2, SL3-
TED: 10" embossed plastic
For further information on
packaging please frefer to
Appendix A
SL
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
1
TE
20L0
F
T
dimensions and construction
W
t
L
a
b
c
c
Molded
Resin
Resistive
Element
Electrode
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.094±.008
(2.4±0.2)
.102±.02
(2.6±0.5)
.453±.012
(11.5±0.3)
.217±.008
(5.5±0.2)
.100±.016
(2.55±0.4)
SL1
SL2
SLN2
c
b
a
t
W
L
Dimensions inches
(mm)
.248±.012
(6.3±0.3)
.122±.008
(3.1±0.2)
.075±.008
(1.9±0.2)
.047±.008
(1.2±0.2)
.067±.008
(1.7±0.2)
.063±.008
(1.6±0.2)
.047±.012
(1.2±0.3)
.094±.008
(2.4±0.2)
SL07
.197±.012
(5.0±0.3)
.098±.008
(2.5±0.2)
.067±.008
(1.7±0.2)
.047±.008
(0.9±0.2)
.035±.012
(1.2±0.3)
.079±.008
(2.0±0.2)
Size
Code
.453±.012
(11.5±0.3)
.276±.008
(7.0±0.2)
.098±.008
(2.5±0.2)
.197±.008
(5.0±0.2)
.102±.02
(2.6±0.5)
SL3
.067±.008
(1.7±0.2)
.122±.008
(3.1±0.2)
.039±.008
(1.0±0.2)
.248±.012
(6.3±0.3)
.094±.008
(2.4±0.2)
.047±.012
(1.2±0.3)
TSL1
.028±.008
(0.7±0.2)
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 32


Similar Part No. - TSL1TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
TSL1TTE18L0F KOA-TSL1TTE18L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL1TTE20L0D KOA-TSL1TTE20L0D Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
TSL1TTE20L0D KOA-TSL1TTE20L0D Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
TSL1TTE20L0D KOA-TSL1TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Similar Description - TSL1TTE

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
   surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
   surface mount molded current sense resistors
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
   surface mount molded current sense resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
KOA Speer Electronics, ...
NPR1TTE KOA-NPR1TTE Datasheet
98Kb / 2P
   surface mount molded current sense resistor
NPR1TTE100J KOA-NPR1TTE100J Datasheet
257Kb / 2P
   surface mount molded current sense resistor
logo
List of Unclassifed Man...
ULR3-R001FT2 ETC2-ULR3-R001FT2 Datasheet
390Kb / 4P
   Metal Strip Current Sense Resistors Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com