Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCL2AHTTDR33 Datasheet(PDF) 6 Page - KOA Speer Electronics, Inc.

Part # MCL2AHTTDR33
Description  Multi Layer Ferrite Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MCL2AHTTDR33 Datasheet(HTML) 6 Page - KOA Speer Electronics, Inc.

  MCL2AHTTDR33 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MCL2AHTTDR33 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MCL2AHTTDR33 Datasheet HTML 3Page - KOA Speer Electronics, Inc. MCL2AHTTDR33 Datasheet HTML 4Page - KOA Speer Electronics, Inc. MCL2AHTTDR33 Datasheet HTML 5Page - KOA Speer Electronics, Inc. MCL2AHTTDR33 Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec i fi c ati on s g iven her ei n m ay be cha nged a t any ti m e w i tho ut pr i or not i ce. Pl eas e c onf ir m te chni c al s pec if i ca ti ons befor e you or der an d/or u se.
PAGE 6 OF 6
7. Dimensions - inches (mm)
8. Chip Quantities Per Reel
0.043±0.002
(1.1±0.1)
0.075±0.002
(1.9±0.1)
0.043±0.002
(1.1±0.1)
0.063±0.002
(1.6±0.1)
0.093±0.002
(2.4±0.1)
0.046±0.002
(1.2±0.1)
0.071±0.002
(1.8±0.1)
0.138±0.002
(3.5±0.1)
0.048±0.002
(1.2±0.1)
0.069±0.004
(1.75±0.10)
0.138±0.002
(3.50±.005)
0.318±0.002
(8.1±0.1)
0.157±0.004
(4.0±0.1)
0.157±0.004
(4.0±0.1)
0.079±0.002
(2.00±0.05)
0.059±0.004
(1.5+0.1/-0.0)
0.039 min.
(1.0 min.)
0.009±0.001
(0.23±0.02)
2B
2A
1J
1J
2A
2B
Tape
Tape
Ao
E
F
W
P1
Po
P2
D1
t
Do
Bo
Ko
Parts on
7 inch (178mm) Reel
Chip Size
1J
2A
2B
3,000
* 2,000/4,000
4,000
Do
E
W
F
Po
P2
D1
P1
Bo
Ko
t
Ao
* MCL0805: 2.7µH ~ 12µH = 2K
0.047µH ~ 2.2µH = 4K
SS-223 R9
9. Recommended PC Board Land Patterns - inches (mm)
1J
0.102 (2.6)
0.118 (3.0)
0.173 (4.4)
0.022 (0.55)
0.026 (0.66)
0.059 (1.5)
0.037 (0.94)
0.057 (1.45)
0.071 (1.8)
2A
2B
Chip Size
L
G
H
G
L
H
10. Recommended Temperature Profiles for Soldering
250°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Wave Soldering
230°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Reflow Soldering
20 Seconds Max.
200°C
250°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Wave Soldering
230°C
150°C
60 Seconds Max.
Preheat 100
Seconds Max.
Soldering
10 Seconds Max.
Natural
Cooling
Recommended Temperature Profile
for Reflow Soldering
20 Seconds Max.
200°C
SS-223 R9
12/6/06
11:26 AM
Page 6


Similar Part No. - MCL2AHTTDR33

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MCL2AHTTDR33 KOA-MCL2AHTTDR33 Datasheet
139Kb / 3P
   multilayer ferrite inductor
More results

Similar Description - MCL2AHTTDR33

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
   Multi-layer Chip Inductors - Ferrite
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808_11 Datasheet
216Kb / 2P
   Ferrite Multi-Layer Chip Inductors
CV201210 BOURNS-CV201210_11 Datasheet
190Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com