Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73A1JTTD102J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # RK73A1JTTD102J
Description  audio applications 2%,5%tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73A1JTTD102J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  RK73A1JTTD102J Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73A1JTTD102J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RK73A
audio applications 2%, 5% tolerance
chip resistor
Absolute
Maximum
Working
Voltage
Resistance
Range
E-24
(J±5%)
Resistance
Range
E-24
(G±2%)
Part
Designation*
Absolute
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@ 70°C
T.C.R.
(ppm/°C)
Max.
applications and ratings
-55°C to +155°C
50V
100V
RK73A1J
(0603)
1/10W (.10W)
2.2
Ω - 9.1Ω
2.2
Ω - 9.1Ω
±200
10
Ω - 1MΩ
10
Ω - 1MΩ
±250
150V
200V
RK73A2A
(0805)
1/8W (.125W)
2.2
Ω - 9.1Ω
2.2
Ω - 9.1Ω
±200
10
Ω - 1MΩ
10
Ω - 1MΩ
±250
200V
400V
RK73A2B
(1206)
1/4W (.25W)
2.2
Ω - 9.1Ω
2.2
Ω - 9.1Ω
±200
10
Ω - 1MΩ
10
Ω - 1MΩ
±250
Derating Curve
environmental applications
100
80
60
40
20
-60
-40
-20
0
40
60
80
100
140
70
20
Ambient Temperature
(
∞C)
0
-55
120
155
19
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
10/30/08
* Parenthesis indicate EIA package size codes.
PMS 300 neg.
Black neg.
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
(2B: Rated Voltage x 2 for 5 seconds)
±2%
±2%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%, ±3%:
(R<10
Ω,R>1MΩ)
±0.5%, ±1%:
(R<10
Ω,R>1MΩ)
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 100 cycles
±0.5%
±0.3%
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±1%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±0.5%
High Temperature Exposure
+155°C, 1000 hours
±1%
±0.5%
environmental applications
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 17


Similar Part No. - RK73A1JTTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73A1JTTD102J KOA-RK73A1JTTD102J Datasheet
230Kb / 2P
   audio applications 2%, 5% tolerance chip resistor
More results

Similar Description - RK73A1JTTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73A1JTTD102J KOA-RK73A1JTTD102J Datasheet
230Kb / 2P
   audio applications 2%, 5% tolerance chip resistor
RK73B KOA-RK73B Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5228B FAIRCHILD-MMSZ5228B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5238B FAIRCHILD-MMSZ5238B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com