Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RK73A1JLTD102J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # RK73A1JLTD102J
Description  audio applications 2%,5%tolerance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RK73A1JLTD102J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  RK73A1JLTD102J Datasheet HTML 1Page - KOA Speer Electronics, Inc. RK73A1JLTD102J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
RuO2 thick film resistor element
Anti-leaching nickel barrier terminations
For high resolution sound and clarity in signal processing
and audio circuits
Marking: Three-digit, light blue on black protective coating
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
18
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
RK73A
audio applications 2%, 5% tolerance
chip resistor
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
ordering information
G: ±2%
J: ±5%
T: Sn
L: SnPb
2 significant
figures + 1
multiplier
“R” indicates
decimal on
value <100
1J
2A
2B
TP: 0603, 0805:
7" 2mm pitch punch paper
TD: 0603, 0805, 1206:
7" 2mm pitch punched paper
TDD: 0603, 0805, 1206:
10" paper tape
TE: 0805, 1206:
7" punched plastic
TED: 0805, 1206:
10" punched plastic
For further information on packaging,
please refer to Appendix A
RK73A
Type
Size
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
1J
TD
102
J
T
Type
L
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.018±.004
(0.45±0.1)
.012±.004
(0.3±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.012±.004
(0.3±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031±.004
(0.8±0.1)
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
1J
(0603)
2A
(0805)
2B
(1206)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
EU
1733 Reader's Spreads pg1-203:document
1/27/09
4:03 PM
Page 16


Similar Part No. - RK73A1JLTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73A1JTTD102J KOA-RK73A1JTTD102J Datasheet
230Kb / 2P
   audio applications 2%, 5% tolerance chip resistor
More results

Similar Description - RK73A1JLTD102J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RK73A1JTTD102J KOA-RK73A1JTTD102J Datasheet
230Kb / 2P
   audio applications 2%, 5% tolerance chip resistor
RK73B KOA-RK73B Datasheet
385Kb / 2P
   general purpose 2%, 5% tolerance
logo
Fairchild Semiconductor
MMSZ5226B FAIRCHILD-MMSZ5226B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5231B FAIRCHILD-MMSZ5231B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5232B FAIRCHILD-MMSZ5232B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5236B FAIRCHILD-MMSZ5236B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5239B FAIRCHILD-MMSZ5239B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5245B FAIRCHILD-MMSZ5245B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5228B FAIRCHILD-MMSZ5228B Datasheet
158Kb / 5P
   5% TOLERANCE
MMSZ5238B FAIRCHILD-MMSZ5238B Datasheet
158Kb / 5P
   5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com