Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4800A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4800A
Description  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4800A Datasheet HTML 1Page - Fairchild Semiconductor FAN4800A Datasheet HTML 2Page - Fairchild Semiconductor FAN4800A Datasheet HTML 3Page - Fairchild Semiconductor FAN4800A Datasheet HTML 4Page - Fairchild Semiconductor FAN4800A Datasheet HTML 5Page - Fairchild Semiconductor FAN4800A Datasheet HTML 6Page - Fairchild Semiconductor FAN4800A Datasheet HTML 7Page - Fairchild Semiconductor FAN4800A Datasheet HTML 8Page - Fairchild Semiconductor FAN4800A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2009
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.1
FAN4800A/C, FAN4801/1S/2/2L
PFC/PWM Controller Combination
Features
Pin-to-Pin Compatible with ML4800 and FAN4800
and CM6800 and CM6800A
PWM Configurable for Current-mode or
Feed-forward Voltage-Mode Operation
Internally Synchronized Leading-Edge PFC and
Trailing-Edge PWM in one IC
Low Operating Current
Innovative Switching-Charge Multiplier Divider
Average-Current-Mode for Input-Current Shaping
PFC Over-Voltage and Under-Voltage Protections
PFC Feedback Open-Loop Protection
Cycle-by-Cycle Current Limiting for PFC/PWM
Power-on Sequence Control and Soft-Start
Brownout Protection
Interleaved PFC/PWM Switching
FAN4801/1S/2/2L Improve Efficiency at Light Load
fRTCT=4•fPFC=4•fPWM for FAN4800A and
FAN4801/1S
fRTCT=4•fPFC=2•fPWM for FAN4800C and
FAN4802/2L
Applications
Desktop PC Power Supply
Internet Server Power Supply
LCD TV, Monitor Power Supply
UPS
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
Description
The
highly
integrated
FAN4800A/C
and
FAN4801/1S/2/2L are specially designed for power
supplies that consist of boost PFC and PWM. They
require very few external components to achieve
versatile protections / compensation. They are available
in 16-pin DIP and SOP packages.
The PWM can be used in either current or voltage
mode. In voltage mode, feed-forward from the PFC
output bus can reduce the secondary output ripple.
Compared with older productions, ML4800 and
FAN4800, FAN4800A/C and FAN4801/1S/2/2L have
lower operation current that save power consumption in
external devices. FAN4800A/C and FAN4801/1S/2/2L
have accurate 49.9% maximum duty of PWM that
makes the hold-up time longer. Specifically, the
brownout protection and PFC soft-start functions are not
in ML4800 and FAN4800.
To start evaluating FAN4800A/C, FAN4801/1S/2/2L for
replacing existing FAN4800 and ML4800 boards, five
things must be done before the fine-tuning procedure:
1.
Change RAC resister from the old value to a higher
resister: between 6M
Ω to 8MΩ.
2.
Change RT/CT pin from the existing values to
RT=6.8KΩ and CT=1000pF to have fPFC=64KHz,
fPWM=64KHz.
3.
VRMS pin needs to be 1.224V at VIN=85 VAC for
universal input application from line input from
85VAC to 270 VAC. Both poles for the Vrms of
FAN4801/1S/2/2L don’t need to substantially
slower than FAN4800; about 5 to 10 times.
4.
At full load, the average VEA needs to ~4.5V and
the ripple on the VEA needs to be less than 400mV.
5.
Soft-Start pin, the soft-start current has been
reduced to half from the FAN4800 capacitor.
Related Resources
Complete design instructions are detailed in application
note AN-6078SC (available in Chinese only).


Similar Part No. - FAN4800A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800A FAIRCHILD-FAN4800A Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AMY FAIRCHILD-FAN4800AMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800ANY FAIRCHILD-FAN4800ANY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800ASMY FAIRCHILD-FAN4800ASMY Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
More results

Similar Description - FAN4800A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com