Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN6961 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN6961
Description  Boundary Mode PFC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6961 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN6961 Datasheet HTML 2Page - Fairchild Semiconductor FAN6961 Datasheet HTML 3Page - Fairchild Semiconductor FAN6961 Datasheet HTML 4Page - Fairchild Semiconductor FAN6961 Datasheet HTML 5Page - Fairchild Semiconductor FAN6961 Datasheet HTML 6Page - Fairchild Semiconductor FAN6961 Datasheet HTML 7Page - Fairchild Semiconductor FAN6961 Datasheet HTML 8Page - Fairchild Semiconductor FAN6961 Datasheet HTML 9Page - Fairchild Semiconductor FAN6961 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6961 • Rev. 1.0.2
6
Electrical Characteristics
VCC=15V and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Zero Current Detection Section
VZCD
Input Threshold Voltage Rising Edge
VZCD Increasing
1.9
2.1
2.3
V
HYS of
VZCD
Threshold Voltage Hysteresis
VZCD Decreasing
0.35
V
VZCD-HIGH Upper Clamp Voltage
IZCD=3mA
12
V
VZCD-LOW Lower Clamp Voltage
IZCD=-1.5mA
0.3
V
tDEAD
Maximum Delay, ZCD to Output Turn-On
VCOMP=5V,
fSW=60KHz
100
400
ns
tRESTART Restart Time
Output Turned Off by
ZCD
300
500
700
μs
tINHIB
Inhibit Time (Maximum Switching
Frequency Limit)
RMOT=24kΩ
2.8
μs
VDIS
Disable Threshold Voltage
150
200
250
mV
tZCD-DIS
Disable Function Debounce Time
RMOT=24kΩ,
VZCD=100mV
800
μs
Maximum On Time Section
VMOT
Maximum On Time Voltage
1.25
1.30
1.35
V
tON-MAX
Maximum On Time Programming
(Resistor Based)
RMOT=24kΩ, VCS=0V,
VCOMP=5V
25
μs


Similar Part No. - FAN6961

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controllers
More results

Similar Description - FAN6961

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
   Boundary Mode PFC Controller
MP44014 MPS-MP44014 Datasheet
383Kb / 12P
   Boundary Mode PFC Controller
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
   Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
   Boundary-Mode PFC Controller with Harmonic Injection
logo
Fairchild Semiconductor
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
ON Semiconductor
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
   Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
   Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
logo
Fairchild Semiconductor
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
   Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
   Single-Stage Flyback and Boundary-Mode PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com