Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRAH-01K50X Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # SRAH-01K50X
Description  NON-ISOLATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRAH-01K50X Datasheet(HTML) 3 Page - Bel Fuse Inc.

  SRAH-01K50X Datasheet HTML 1Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 2Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 3Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 4Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 5Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 6Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 7Page - Bel Fuse Inc. SRAH-01K50X Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
9.0 Vdc - 18 Vdc Input
5 Vdc - 12 Vdc/1A Output
General Specifications
Parameter
Min
Typ
Max
Notes
Efficiency
Vo=5 V
Vo=9 V
Vo=12 V
77%
82%
83%
81%
86%
87%
-
-
-
Measured at Vin=12 V, full load
Switching Frequency
400 kHz
450 kHz
480 kHz
MTBF
14,760,000 hours
Calculated Per Bell Core TR-332 (IO =
Nominal; Ta = 25
°C)
Dimensions (surface mount)
Inches (L × W × H)
Millimeters (L × W × H)
0.78 x 0.7 x 0.32
19.81 x 17.78 x 8.13
Dimensions (vertical)
Inches (L × W × H)
Millimeters (L × W × H)
0.7 x 0.308 x 0.65
17.78 x 7.82 x 16.51
Weight
-
5 g
-
Note: All specifications are typical at 25
°C unless otherwise stated.
Control Specifications
Parameter
Min
Typ
Max
Notes
Remote On/Off
Signal Low (Unit On)
-0.3 V
-
0.4 V
Signal High (Unit Off)
2.5 V
-
Vin
xRAH-01KxxL, Remote On/Off pin open, unit
off.
Signal Low (Unit Off)
-0.3 V
-
0.4 V
Signal High (Unit On)
2.5 V
-
Vin
xRAH-01Kxx0, Remote On/Off pin open, unit
on.
Note: All specifications are typical at 25°C unless otherwise stated.


Similar Part No. - SRAH-01K50X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRAH-01K50X BEL-SRAH-01K50X Datasheet
193Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-01K50X BEL-SRAH-01K50X Datasheet
193Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SRAH-01K50X BEL-SRAH-01K50X Datasheet
199Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRAH-01K50X

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com