Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE8.2CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 1.5KE8.2CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1.5KE8.2CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  1.5KE8.2CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 1.5KE8.2CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 1.5KE8.2CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1500 Watt TVS
UNI-POLAR
BI-POLAR
REVERSE
STANDOFF
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
TEST
CURRENT
(IT)
mA
MAXIMUM
CLAMPING
VOLTAGE @IPP
VC (V)
PEAK
PULSE
CURRENT
IPP (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
1.5KE6.8A
1.5KE6.8CA
5.80
6.45
7.14
10
10.5
144.8
1000
1.5KE7.5A
1.5KE7.5CA
6.40
7.13
7.88
10
11.3
134.5
500
1.5KE8.2A
1.5KE8.2CA
7.02
7.79
8.61
10
12.1
125.6
200
1.5KE9.1A
1.5KE9.1CA
7.78
8.65
9.50
10
13.4
113.4
50
1.5KE10A
1.5KE10CA
8.55
9.50
10.50
1
14.5
104.8
10
1.5KE11A
1.5KE11CA
9.40
10.50
11.60
1
15.6
97.4
5
1.5KE12A
1.5KE12CA
10.20
11.40
12.60
1
16.7
91.0
5
1.5KE13A
1.5KE13CA
11.10
12.40
13.70
1
18.2
83.5
5
1.5KE15A
1.5KE15CA
12.80
14.30
15.80
1
21.2
71.7
5
1.5KE16A
1.5KE16CA
13.60
15.20
16.80
1
22.5
67.6
5
1.5KE18A
1.5KE18CA
15.30
17.10
18.90
1
25.2
60.3
5
1.5KE20A
1.5KE20CA
17.10
19.00
21.00
1
27.7
54.9
5
1.5KE22A
1.5KE22CA
18.80
20.90
23.10
1
30.6
49.7
5
1.5KE24A
1.5KE24CA
20.50
22.80
25.20
1
33.2
45.8
5
1.5KE27A
1.5KE27CA
23.10
25.70
28.40
1
37.5
40.5
5
1.5KE30A
1.5KE30CA
25.60
28.50
31.50
1
41.4
36.7
5
1.5KE33A
1.5KE33CA
28.20
31.40
34.70
1
45.7
33.3
5
1.5KE36A
1.5KE36CA
30.80
34.20
37.80
1
49.9
30.5
5
1.5KE39A
1.5KE39CA
33.30
37.10
41.00
1
53.9
28.2
5
1.5KE43A
1.5KE43CA
36.80
40.90
45.20
1
59.3
25.6
5
1.5KE47A
1.5KE47CA
40.20
44.70
49.40
1
64.8
23.5
5
1.5KE51A
1.5KE51CA
43.60
48.50
53.60
1
70.1
21.7
5
1.5KE56A
1.5KE56CA
47.80
53.20
58.80
1
77.0
19.7
5
1.5KE62A
1.5KE62CA
53.00
58.90
65.10
1
85.0
17.9
5
1.5KE68A
1.5KE68CA
58.10
64.60
71.40
1
92.0
16.5
5
1.5KE75A
1.5KE75CA
64.10
71.30
78.80
1
103.0
14.8
5
1.5KE82A
1.5KE82CA
70.10
77.90
86.10
1
113.0
13.5
5
1.5KE91A
1.5KE91CA
77.80
86.50
95.50
1
125.0
12.2
5
1.5KE100A
1.5KE100CA
85.50
95.00
105.00
1
137.0
11.1
5
1.5KE110A
1.5KE110CA
94.00
105.00
116.00
1
152.0
10.0
5
1.5KE120A
1.5KE120CA
102.00
114.00
126.00
1
165.0
9.2
5
1.5KE130A
1.5KE130CA
111.00
124.00
137.00
1
179.0
8.5
5
1.5KE150A
1.5KE150CA
128.00
143.00
158.00
1
207.0
7.3
5
1.5KE160A
1.5KE160CA
136.00
152.00
168.00
1
219.0
6.9
5
1.5KE170A
1.5KE170CA
145.00
162.00
179.00
1
234.0
6.5
5
1.5KE180A
1.5KE180CA
154.00
171.00
189.00
1
246.0
6.2
5
1.5KE200A
1.5KE200CA
171.00
190.00
210.00
1
274.0
5.5
5
1.5KE220A
1.5KE220CA
185.00
209.00
231.00
1
328.0
4.6
5
1.5KE250A
1.5KE250CA
214.00
237.00
263.00
1
344.0
4.4
5
1.5KE300A
1.5KE300CA
256.00
285.00
315.00
1
414.0
3.7
5
1.5KE350A
1.5KE350CA
300.00
332.00
368.00
1
482.0
3.2
5
1.5KE400A
1.5KE400CA
342.00
380.00
420.00
1
548.0
2.8
5
1.5KE440A
1.5KE440CA
376.00
418.00
462.00
1
602.0
2.5
5
1.5KE480A
1.5KE480CA
408.00
456.00
504.00
1
658.0
2.3
5
1.5KE510A
1.5KE510CA
434.00
485.00
535.00
1
698.0
2.1
5
1.5KE530A
1.5KE530CA
450.00
503.50
556.50
1
725.0
2.1
5
1.5KE540A
1.5KE540CA
459.00
513.00
567.00
1
740.0
2.0
5
1.5KE550A
1.5KE550CA
467.00
522.50
577.50
1
760.0
2.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is ±10%
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com


Similar Part No. - 1.5KE8.2CA

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1.5KE8.2CA SUNMATE-1.5KE8.2CA Datasheet
111Kb / 4P
   1500Watt Axial Lead Transient Voltage Suppressors
logo
ON Semiconductor
1.5KE8.2CA ONSEMI-1.5KE8.2CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
DONGGUAN YOU FENG WEI E...
1.5KE8.2CA YFWDIODE-1.5KE8.2CA Datasheet
1Mb / 6P
   Transient voltage suppressor power 1500 watts
logo
Fairchild Semiconductor
1.5KE8.2CA FAIRCHILD-1.5KE8.2CA Datasheet
55Kb / 3P
   Glass passivated junction. 1500W Peak Pulse Power capability at 1.0 ms.
logo
Formosa MS
1.5KE8.2CA FORMOSA-1.5KE8.2CA Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
More results

Similar Description - 1.5KE8.2CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com