Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE11CA Datasheet(PDF) 2 Page - MDE Semiconductor, Inc.

Part # 1.5KE11CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1.5KE11CA Datasheet(HTML) 2 Page - MDE Semiconductor, Inc.

  1.5KE11CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 1.5KE11CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 1.5KE11CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES 1.5KE SERIES
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
10
100
1000
10000
1
10
100
1000
5
10
100
1000
10000
Fig. 4 - Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
Unidirectional
Bidirectional
f = 1MHz
Vsig = 50mVp-p
TJ = 25°C
VR = 0
500
VR = Rated
Stand-off Voltage
10
10
100
1000
1
10
100
Fig.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Use Only
200
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = TJ max,
Number of Cycles at 60 Hz
t - Time(ms)
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is defined
as the point where the
peak current decays to
50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
4.0
Fig. 5 - Steady State Power
Derating Curve
TL - Lead Temperature (°C)
L=0.375" (9.5mm)
Lead Lengths
1.6x1.6x.040"
(40x40x1mm)
Copper Heat Sinks
5.0
6.0
7.0
8.0
60Hz
Resistive or
Inductive Load
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve


Similar Part No. - 1.5KE11CA

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE11CA SPSEMI-1.5KE11CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
ON Semiconductor
1.5KE11CA ONSEMI-1.5KE11CA Datasheet
58Kb / 8P
   1500 Watt Mosorb Zener Transient Voltage Suppressors
February, 2002 ??Rev. 2
logo
Shenzhen Luguang Electr...
1.5KE11CA LUGUANG-1.5KE11CA Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
DB Lectro Inc
1.5KE11CA DBLECTRO-1.5KE11CA Datasheet
147Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
logo
Pan Jit International I...
1.5KE11CA PANJIT-1.5KE11CA Datasheet
104Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
November 15,2012-REV.04
More results

Similar Description - 1.5KE11CA

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com