Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRDB-20E12H Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # SRDB-20E12H
Description  NON-ISOLATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDB-20E12H Datasheet(HTML) 2 Page - Bel Fuse Inc.

  SRDB-20E12H Datasheet HTML 1Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 2Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 3Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 4Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 5Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 6Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 7Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 8Page - Bel Fuse Inc. SRDB-20E12H Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
5.4 Vdc - 13.2 Vdc Input
1.0 Vdc - 5.0 Vdc Output / 20 A
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Current (no load)
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
-
-
-
-
-
-
-
200 mA
150 mA
135 mA
120 mA
100 mA
85 mA
80 mA
-
-
-
-
-
-
-
Input Reflected Ripple Current (pk-pk)
-
130 mA
200 mA
Input Reflected Ripple Current (rms)
-
40 mA
70 mA
With simulated impedance of
500 nH, 5 Hz to 20 MHz; use two
270 uF/16 V capacitors with
ESR=0.018ohm max, at 100 kHz
I
2t Inrush Current Transient
-
0.1 A
2s
0.2 A
2s
Turn-on Voltage Threshold
4.35 V
4.48 V
4.60 V
Turn-off Voltage Threshold
3.65 V
3.98 V
4.30 V
Note:
All specifications are typical at Vin=8 V, full load at 25 °C unless otherwise stated.
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
4.900 V
3.234 V
2.450 V
1.764 V
1.470 V
1.176 V
0.980 V
5.0 V
3.3 V
2.5 V
1.8 V
1.5 V
1.2 V
1.0 V
5.100 V
3.366 V
2.550 V
1.836 V
1.530 V
1.224 V
1.020 V
Test conditions:
Vin=8 V; Iout=half load
Line Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
-
-
-
-
-
-
-
±2 mV
±1 mV
±1 mV
±1 mV
±1 mV
±1 mV
±1mV
±4 mV
±3 mV
±3 mV
±3 mV
±3 mV
±3 mV
±3mV
Load Regulation
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
-
-
-
-
-
-
-
±3 mV
±2 mV
±2 mV
±2 mV
±1 mV
±1 mV
±1 mV
±7 mV
±4 mV
±4 mV
±4 mV
±3 mV
±3 mV
±3 mV
Regulation Over Temperature
(-40
°C to +85 °C)
VO=5.0 V
VO=3.3 V
VO=2.5 V
VO=1.8 V
VO=1.5 V
VO=1.2 V
VO=1.0 V
-
-
-
-
-
-
-
±15 mV
±10 mV
±9 mV
±8 mV
±7 mV
±5 mV
±5mV
±30 mV
±20 mV
±18 mV
±16 mV
±14 mV
±10 mV
±10 mV


Similar Part No. - SRDB-20E12H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-20E12H BEL-SRDB-20E12H Datasheet
354Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS
More results

Similar Description - SRDB-20E12H

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com