Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPR36CR10J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # BPR36CR10J
Description  rectangular type metal plate resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR36CR10J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  BPR36CR10J Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR36CR10J Datasheet HTML 2Page - KOA Speer Electronics, Inc. BPR36CR10J Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
134
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/30/08
BPR
rectangular type metal plate resistors
K: ±10%
(E12)
Resistance Range
J: ±5%
(E12)
Part
Designation
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
T.C.R.
(ppm/°C)
Max.
applications and ratings
BPR26
BPR28
2W
2W
±350
0.01
0.1
Ω - 0.68Ω
+70°C
0.01
Ω - 0.68Ω
-40°C to +200°C
PMS 300 neg.
Black neg.
BPR38
3W
BPR58
5W
BPR108
10W
BPR55
5W+5W
BPR77
7W+7W
0.01
Ω - 1.0Ω
0.01, 0.1
Ω - 1.0Ω
0.05
Ω, 0.1Ω - 1.0Ω
–––
0.05
Ω, 0.1Ω
0.22
Ω - 0.47Ω
0.03
Ω - 0.47Ω
Resistance
J: ±5%
26, 28
standard resistance
0.01
0.012
H
0.015
0.02*
0.022
0.027
0.03*
0.033
0.039
K: ±10%
J: ±5%
K: ±10%
38
J: ±5%
58
K: ±10%
J: ±5%
K: ±10%
108
J: ±5%
55
K: ±10%
J: ±5%
K: ±10%
77
H
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
HH
H
H
H
H
H
H
H
H
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
––
H
––
––
––
––
––
––
0.04*
0.047
0.05*
0.068
0.082
0.1
H
0.12
H
0.15
H
0.18
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
0.22
0.27
H
H
0.33
H
0.39
H
0.47
H
0.56
H
0.68
H
0.82
1.00
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
H
––
––
––
H
H
H
H
H
––
––
––
H
H
––
––
––
H
H
––
––
––
H
: Available
Blank : Please consult
–– : Not available
H
H
H
H
H
H
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 132


Similar Part No. - BPR36CR10J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPR36F ETC-BPR36F Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR36F0.012J ETC-BPR36F0.012J Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR36F0.012K ETC-BPR36F0.012K Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR36F0.015J ETC-BPR36F0.015J Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR36F0.015K ETC-BPR36F0.015K Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
More results

Similar Description - BPR36CR10J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
   rectangular type metal plate resistors
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
logo
KOA Speer Electronics, ...
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
   metal plate chip type lowresistance resistors
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
RG1608P-102-B-T1 ETC2-RG1608P-102-B-T1 Datasheet
489Kb / 13P
   FIXED METAL FILM CHIP RESISTORS RECTANGULAR TYPE
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com