Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WK73S2BTTDD33L0J Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # WK73S2BTTDD33L0J
Description  wide terminal type flat chip resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

WK73S2BTTDD33L0J Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  WK73S2BTTDD33L0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. WK73S2BTTDD33L0J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WK73
wide terminal type flat chip resistors
31
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
environmental applications
PMS 300 neg.
Black neg.
Maximum
Working
Voltage
E-24
(F±1%)
E-24
(J±5%)
Part
Designation
Maximum
Overload
Voltage
Operating
Temperature
Range
Power
Rating
@ 70°C
WK73R2H
WK73S2J
220m - 9.1
10 - 430k
27m - 200m
200V
400V
200V
400V
200V
400V
±100
1.0W
1.0W
±100
±800
Resistance Range
T.C.R.
(ppm/°C)
Max.
-55°C
to
+155°C
470k - 1M
±200
±800
±200
WK73R2J
WK73S3A
WK73R3A
240m - 9.1
200V
400V
1.5W
1.5W
±100
33m - 220m
22m - 30m
10 - 510k
560k - 1M
360m - 9.1
33m - 330m
360k - 1M
10 - 330k
220m - 9.1
10 - 430k
10m - 24m
27m - 200m
10m - 30m
470k - 1M
240m - 9.1
33m - 220m
10m - 20m
22m - 30m
10 - 510k
560k - 1M
360m - 9.1
33m - 330m
360k - 1M
10 - 330k
±200
±800
±300
±100
±200
±100
±200
±200
±100
Performance Characteristics
Parameter
Requirement ∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C
+25°C/-55°C and +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated Voltage x 2.5 for 5 seconds
±2%
±0.2%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±1%
±0.2%
Bending Test
Holding point 90mm, Bending 1 time, Bending 5mm
±1%
±0.1%
Rapid Change of Temperature
-55°C (30 minutes), +155°C (30 minutes), 5 cycles
±0.5%
±0.1%
Moisture Resistance
40°C ± 2°C, 90%-95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±0.2%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±2%
±0.2%
High Temperature
Exposure
+155°C, 1000 hours
±1%
±0.2%
WK73S2H
1.0W
1.0W
applications and ratings
430m - 9.1
10 - 3.3k
±100
±100
430m - 9.1
10 - 3.3k
30m - 390m
±800
±200
10m - 27m
30m - 390m
WK73S2B
WK73R2B
3.6k - 1M
±100
3.6k - 1M
WK73R2B*
0.75W
* Under Development.
Additional environmental applications can also be found at www.koaspeer.com
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 29


Similar Part No. - WK73S2BTTDD33L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
More results

Similar Description - WK73S2BTTDD33L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com