Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC400CA Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # 1.5SMC400CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

1.5SMC400CA Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  1.5SMC400CA Datasheet HTML 1Page - MDE Semiconductor, Inc. 1.5SMC400CA Datasheet HTML 2Page - MDE Semiconductor, Inc. 1.5SMC400CA Datasheet HTML 3Page - MDE Semiconductor, Inc. 1.5SMC400CA Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1500 Watts Peak Power
UNI-
POLAR
BI-
POLAR
1.5SMC 6.8A
6.8CA
6V8A
6V8C
5.80
6.45
7.14
10
10.5
144.8
1000
1.5SMC 7.5A
7.5CA
7V5A
7V5C
6.40
7.13
7.88
10
11.3
134.5
500
1.5SMC 8.2A
8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
125.6
200
1.5SMC 9.1A
9.1CA
9V1A
9V1C
7.78
8.65
9.50
1
13.4
113.4
50
1.5SMC 10A
10CA
10A
10C
8.55
9.50
10.50
1
14.5
104.8
10
1.5SMC 11A
11CA
11A
11C
9.40
10.50
11.60
1
15.6
97.4
5
1.5SMC 12A
12CA
12A
12C
10.20
11.40
12.60
1
16.7
91.0
5
1.5SMC 13A
13CA
13A
13C
11.10
12.40
13.70
1
18.2
83.5
5
1.5SMC 15A
15CA
15A
15C
12.80
14.30
15.80
1
21.2
71.7
5
1.5SMC 16A
16CA
16A
16C
13.60
15.20
16.80
1
22.5
67.6
5
1.5SMC 18A
18CA
18A
18C
15.30
17.10
18.90
1
25.2
60.3
5
1.5SMC 20A
20CA
20A
20C
17.10
19.00
21.00
1
27.7
54.9
5
1.5SMC 22A
22CA
22A
22C
18.80
20.90
23.10
1
30.6
49.7
5
1.5SMC 24A
24CA
24A
24C
20.50
22.80
25.20
1
33.2
45.8
5
1.5SMC 27A
27CA
27A
27C
23.10
25.70
28.40
1
37.5
40.5
5
1.5SMC 30A
30CA
30A
30C
25.60
28.50
31.50
1
41.4
36.7
5
1.5SMC 33A
33CA
33A
33C
28.20
31.40
34.70
1
45.7
33.3
5
1.5SMC 36A
36CA
36A
36C
30.80
34.20
37.80
1
49.9
30.5
5
1.5SMC 39A
39CA
39A
39C
33.30
37.10
41.00
1
53.9
28.2
5
1.5SMC 43A
43CA
43A
43C
36.80
40.90
45.20
1
59.3
25.6
5
1.5SMC 47A
47CA
47A
47C
40.20
44.70
49.40
1
64.8
23.5
5
1.5SMC 51A
51CA
51A
51C
43.60
48.50
53.60
1
70.1
21.7
5
1.5SMC 56A
56CA
56A
56C
47.80
53.20
58.80
1
77.0
19.7
5
1.5SMC 62A
62CA
62A
62C
53.00
58.90
65.10
1
85.0
17.9
5
1.5SMC 68A
68CA
68A
68C
58.10
64.60
71.40
1
92.0
16.5
5
1.5SMC 75A
75CA
75A
75C
64.10
71.30
78.80
1
103.0
14.8
5
1.5SMC 82A
82CA
82A
82C
70.10
77.90
86.10
1
113.0
13.5
5
1.5SMC 91A
91CA
91A
91C
77.80
86.50
95.50
1
125.0
12.2
5
1.5SMC 100A
100CA
100A
100C
85.50
95.00
105.00
1
137.0
11.1
5
1.5SMC 110A
110CA
110A
110C
94.00
105.00
116.00
1
152.0
10.0
5
1.5SMC 120A
120CA
120A
120C
102.00
114.00
126.00
1
165.0
9.2
5
1.5SMC 130A
130CA
130A
130C
111.00
124.00
137.00
1
179.0
8.5
5
1.5SMC 150A
150CA
150A
150C
128.00
143.00
158.00
1
207.0
7.3
5
1.5SMC 160A
160CA
160A
160C
136.00
152.00
168.00
1
219.0
6.9
5
1.5SMC 170A
170CA
170A
170C
145.00
162.00
179.00
1
234.0
6.5
5
1.5SMC 180A
180CA
180A
180C
154.00
171.00
189.00
1
246.0
6.2
5
1.5SMC 200A
200CA
200A
200C
171.00
190.00
210.00
1
274.0
5.5
5
1.5SMC 220A
220CA
220A
220C
185.00
209.00
231.00
1
328.0
4.6
5
1.5SMC 250A
250CA
250A
250C
214.00
237.00
263.00
1
344.0
4.4
5
1.5SMC 300A
300CA
300A
300C
256.00
285.00
315.00
1
414.0
3.7
5
1.5SMC 350A
350CA
350A
350C
300.00
332.00
368.00
1
482.0
3.2
5
1.5SMC 400A
400CA
400A
400C
342.00
380.00
420.00
1
548.0
2.8
5
1.5SMC 440A
440CA
440A
440C
376.00
418.00
462.00
1
602.0
2.5
5
1.5SMC 480A
480CA
480A
480C
408.00
456.00
504.00
1
658.0
2.3
5
1.5SMC 510A
510CA
510A
510C
434.00
485.00
535.00
1
698.0
2.1
5
1.5SMC 530A
530CA
530A
530C
450.00
503.50
556.50
1
725.0
2.1
5
1.5SMC 540A
540CA
540A
540C
459.00
513.00
567.00
1
740.0
2.0
5
1.5SMC 550A
550CA
550A
550C
467.00
522.50
577.50
1
760.0
2.0
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
Certified RoHS Compliant
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(mA)
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
MARKING CODE
1.5SMC
PART NUMBER
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
REVERSE
STAND- OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT


Similar Part No. - 1.5SMC400CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1.5SMC400CA LITTELFUSE-1.5SMC400CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Shanghai Leiditech Elec...
1.5SMC400CA LEIDITECH-1.5SMC400CA Datasheet
656Kb / 4P
   Surface Mount- 1500W
logo
Weitron Technology
1.5SMC400CA WEITRON-1.5SMC400CA Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Alpha & Omega Semicondu...
1.5SMC400CA AOSMD-1.5SMC400CA Datasheet
707Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.1 July 2021
logo
Littelfuse
1.5SMC400CA LITTELFUSE-1.5SMC400CA Datasheet
143Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - 1.5SMC400CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com