Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPR5CFTR10K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # BPR5CFTR10K
Description  rectangular type metal plate resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR5CFTR10K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  BPR5CFTR10K Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR5CFTR10K Datasheet HTML 2Page - KOA Speer Electronics, Inc. BPR5CFTR10K Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BPR
rectangular type metal plate resistors
features
Power type current detecting resistors
Flame retardant resistors in ceramic case
Automatic insertion for a 5mm pitch between
terminals is applicable (26 type, 58 type)
Low inductance
Space saving
Marking: Alpha/numeric marking
Products with lead-free terminations
meet EU RoHS requirements
J: ±5%
K: ±10%
C: SnCu
2 significant figures
+1 multiplier. “R”
indicates decimal
on value <10
Ω.
All values less than
0.1
Ω are expressed
in m
Ω with “L” as
decimal.
Ex: 20m
Ω - 20L
2: 2W
3: 3W
5: 5W
10: 10W
55: 5W+5W
77: 7W+7W
Nil: Straight lead
F: Forming
FT: Radial taping
(BPR26FT,
BPR58FT only)
BPR
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Packaging
New Part #
5
F
R10
J
C
For further information on
packaging, please refer to
Appendix C.
dimensions and construction
Size
Code
.335±.04
(8.5±1.0)
.335±.04
(8.5±1.0)
.354±.04
(9.0±1.0)
.354±.04
(9.0±1.0)
.157±.04
(4.0±1.0)
.157±.04
(4.0±1.0)
.031±.04
(0.8±1.0)
.024±.04
(0.6±1.0)
.512±.04
(13.0±1.0)
.512±.04
(13.0±1.0)
BPR26
BPR28
P
d
C
B
A
Dimensions inches
(mm)
B
P
d
13
±1mm
A
C
B
P
d
8
±1mm
A
C
5
±1mm
Ceramic
Case
Cement
Resistive Element
Lead Wire
Ceramic
Case
Cement
Resistive Element
Lead Wire
6: ø0.6mm
8: ø0.8mm
Blank
Lead Wire
Diameter
8
.512±.04
(13.0±1.0)
.354±.04
(9.0±1.0)
.031±.04
(0.8±1.0)
.551±.04
(14.0±1.0)
BPR38
.709±.04
(18.0±1.0)
.354±.04
(9.0±1.0)
.031±.04
(0.8±1.0)
.551±.04
(14.0±1.0)
BPR58
.669±.06
(17.0±1.5)
.787±.04
(20.0±1.0)
.197±.04
(5.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR108
.669±.06
(17.0±1.5)
.394±.04
(10.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR55
.787±.07
(20.0±1.8)
.394±.04
(10.0±1.0)
.031±.04
(0.8±1.0)
1.02±.06
(26.0±1.5)
BPR77
Single Straight Style
Single Forming Style
B
P
8
±1mm
A
C
5
±1mm
d
P
Ceramic
Case
Cement
Resistive Element
Lead Wire
Twin Style
ordering information
EU
133
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
7/23/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 131


Similar Part No. - BPR5CFTR10K

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPR5 TTELEC-BPR5 Datasheet
596Kb / 2P
   3W to 50W Planar Shock
BPR50 TTELEC-BPR50 Datasheet
596Kb / 2P
   3W to 50W Planar Shock
logo
Bi technologies
BPR50500F BITECH-BPR50500F Datasheet
1Mb / 2P
   3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR50500G BITECH-BPR50500G Datasheet
1Mb / 2P
   3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR50500J BITECH-BPR50500J Datasheet
1Mb / 2P
   3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results

Similar Description - BPR5CFTR10K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
   rectangular type metal plate resistors
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
logo
KOA Speer Electronics, ...
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
   metal plate chip type lowresistance resistors
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
RG1608P-102-B-T1 ETC2-RG1608P-102-B-T1 Datasheet
489Kb / 13P
   FIXED METAL FILM CHIP RESISTORS RECTANGULAR TYPE
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com