Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA6558 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA6558
Description  6-CH Driver for Mini Disk
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6558 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA6558 Datasheet HTML 2Page - Sanyo Semicon Device LA6558 Datasheet HTML 3Page - Sanyo Semicon Device LA6558 Datasheet HTML 4Page - Sanyo Semicon Device LA6558 Datasheet HTML 5Page - Sanyo Semicon Device LA6558 Datasheet HTML 6Page - Sanyo Semicon Device LA6558 Datasheet HTML 7Page - Sanyo Semicon Device LA6558 Datasheet HTML 8Page - Sanyo Semicon Device LA6558 Datasheet HTML 9Page - Sanyo Semicon Device LA6558 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LA6558
No.6504-9/10
Relation of MUTE and Power (P-VCC)
* Connect S-VCC and P-VCC externally.
* Connect P-GND and S-GND externally.
Various MUTE functions and output, 3.3V REG operation condition
CH1, 2, 4, 5
(BTL-AMP)
CH3, 6
(LOADING)
3.3VREG
5VREG
With IN-MUTE: L
OFF
-
OFF
With thermal shutdown operating
OFF
OFF
OFF
With VREF lowering (0.7V or less)
OFF
-
-
* (-) indicates no-operation for functions to which MUTE, thermal shutdown, and VREF lowering correspond.
* IN-MUTE operates for BTL-AMP (CH1, 2, 4, and 5) and 3.3VREF and 5 VREF.
* VREF lowering is effective for BTL-AMP only.
Operative for ((MUTE operation)) to BTL-AMP(CH1, 2, 4, 5) and 3.3VREF, 5VREF
IN-MUTE condition
BTL-AMP
(CH1, 2, 4, 5)
3.3VREG
5VREG
H
ON
L
OFF
Operative for ((VREF lowering)) to BTL-AMP
VREF condition
BTL-AMP
(CH1, 2, 4, 5)
VREF > 0.7(V)
ON
VREF < 0.7(V)
OFF
LOADING Block
VIN*+
(FWD)
VIN*-
(REV)
Loading output
L
Brake
L
H
Reversed (VO=-1.5×REV) *1
L
Forward (VO= 1.5×FWD) *1
H
H
(VO=1.5×(VFO-VRE))
* When the brake is applied, each “+” and “-” output voltage becomes VCC/2.
*1 FWD: VIN6+, VIN3+, REV: VIN6-, VIN3-.
* L voltage is L<VF(≈0.6V).
* Gain of loading (CH3, 6) is 3.5dB(TYP).
CH1(BTL AMP)
CH2(BTL AMP)
CH6(LOADING)
CH4(BTL AMP)
P-VCC
MUTE
CH5(BTL AMP)
CH3(LOADING)


Similar Part No. - LA6558

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6551 SANYO-LA6551 Datasheet
352Kb / 9P
   LA6551
LA6556 SANYO-LA6556 Datasheet
293Kb / 8P
   LA6556
LA6557 SANYO-LA6557 Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6559 SANYO-LA6559 Datasheet
98Kb / 9P
   5-Channel Driver
More results

Similar Description - LA6558

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
   5-CH Driver for Mini Disc
logo
Fairchild Semiconductor
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
logo
Sanyo Semicon Device
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com