Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPR556CR10K Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # BPR556CR10K
Description  rectangular type metal plate resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

BPR556CR10K Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  BPR556CR10K Datasheet HTML 1Page - KOA Speer Electronics, Inc. BPR556CR10K Datasheet HTML 2Page - KOA Speer Electronics, Inc. BPR556CR10K Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BPR
rectangular type metal plate resistors
Performance Characteristics
Parameter
Requirement
∆ R
Limit
Typical
Test Method
Resistance
T.C.R.
25°C (Measurement position: 10mm under from the case)
+25°C/-55°C and +25°C/+125°C (Application range; the straight style of 0.012
Ωover)
Within regulated
tolerance
Within specified
T.C.R.
Overload (Short time)
Rated power x 2.5 for 5 seconds
±2.0%
±1.0%
Resistance to Solder Heat
260°C ± 5°C, 10 seconds ± 1 second
±2.0%
±1.0%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±5.0%
±3.0%
High Temperature Exposure
+125°C, 100 hours
±3.0%
±2.0%
Resistance to Solvent
After immersing the sample in I.P.A for 60 seconds ± 10 seconds,
the resistor surface should be rubbed with absorbent cotton 10 times
No evidence of damage
to protective coating
and marking
Derating Curve
environmental applications
100
80
60
40
20
-40
040
80
70
Ambient Temperature
(°C)
0
120
235
160
200
240
135
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/05
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 133


Similar Part No. - BPR556CR10K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BPR556F0.012J ETC-BPR556F0.012J Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR556F0.012K ETC-BPR556F0.012K Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR556F0.015J ETC-BPR556F0.015J Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR556F0.015K ETC-BPR556F0.015K Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
BPR556F0.01J ETC-BPR556F0.01J Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
More results

Similar Description - BPR556CR10K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
   rectangular type metal plate resistors
logo
List of Unclassifed Man...
BPR56 ETC-BPR56 Datasheet
269Kb / 2P
   Square metal plate resistor Rectangular Type Metal Plate Resistors
logo
KOA Speer Electronics, ...
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
   metal plate chip type lowresistance resistors
logo
Panasonic Semiconductor
ERA-3YEB103V PANASONIC-ERA-3YEB103V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-3YEB203V PANASONIC-ERA-3YEB203V Datasheet
122Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
ERA-14EB221U PANASONIC-ERA-14EB221U Datasheet
111Kb / 4P
   Metal Film Chip Resistors, Rectangular Type
logo
KOA Speer Electronics, ...
TLRH KOA-TLRH Datasheet
573Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
RG1608P-102-B-T1 ETC2-RG1608P-102-B-T1 Datasheet
489Kb / 13P
   FIXED METAL FILM CHIP RESISTORS RECTANGULAR TYPE
logo
KOA Speer Electronics, ...
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
   metal plate chip type low resistance resistors
logo
List of Unclassifed Man...
MPR1A ETC-MPR1A Datasheet
1Mb / 2P
   METAL PLATE SHUNT RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com