Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WK73S2HTTED33L0J Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # WK73S2HTTED33L0J
Description  wide terminal type flat chip resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

WK73S2HTTED33L0J Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  WK73S2HTTED33L0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. WK73S2HTTED33L0J Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
features
Flat chip resistors of wide terminal type
High reliability and performance with T.C.R.
±100 x 10-6/K, resistance tolerance ±1%
Marking: Black protective coat
Products with lead-free terminations meet EU RoHS
requirements. Pb located in glass material, electrode
and resistor element is exempt per Annex 1, exemption
5 of EU directive 2005/95/EC
30
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
11/07/08
WK73
wide terminal type flat chip resistors
dimensions and construction
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
F: ±1%
J: ±5%
T: Sn
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100
±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on values <10
All values less than 0.1
(100m
Ω) are expressed in
m
Ω with “L” as decimal.
Ex: 33m
Ω, 1% = 33L0
2B: 0.75W
2H: 1W
2J: 1W
3A: 1.5W
WK73S
WK73R
TD: 0612: 7" 2mm pitch
punched paper
TDD: 0612 10" paper tape
TE: 1020, 1218, 1225:
7" punched plastic
TED: 1020, 1218, 1225:
10" punched plastic
For further information on
packaging, please refer
to Appendix A
WK73S
Type
Size
Nominal
Resistance
Resistance
Tolerance
Termination
Material
Packaging
New Part #
2J
TE
33L0
F
T
Type
L
.030±.006
(0.75±0.15)
.024±.004
(0.6±0.1)
.016±.008
(0.4±0.2)
.018±.008
(0.45±0.2)
.252±.006
(6.4±0.15)
.122±.006
(3.1±0.15)
.181±.006
(4.6±0.15)
.122±.006
(3.1±0.15)
2J
(1218)
3A
(1225)
(Inch Size Code)
Wc
d
t
Dimensions inches
(mm)
.016±.008
(0.4±0.2)
.197±.006
(5.0±0.15)
.098±.006
(2.5±0.15)
2H
(1020)
.018±.006
(0.45±0.15)
.012±.008
(0.3±0.2)
.126±.006
(3.2±0.15)
.063±.006
(1.6±0.15)
2B
(0612)
ordering information
EU
Derating Curve
100
80
60
40
20
-60
-40
0
406080100160
70
20
Ambient Temperature
(°C)
0
-55
120
155
-20
140
1733 Reader's Spreads pg1-203:document
1/27/09
4:04 PM
Page 28


Similar Part No. - WK73S2HTTED33L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
More results

Similar Description - WK73S2HTTED33L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
WK73-RT KOA-WK73-RT Datasheet
318Kb / 2P
   wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Panasonic Semiconductor
ERJ-B1CFR10U PANASONIC-ERJ-B1CFR10U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1BJ2R0U PANASONIC-ERJ-B1BJ2R0U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR50 ROHM-LTR50 Datasheet
96Kb / 5P
   High Power Chip Resistors
LTR18 ROHM-LTR18 Datasheet
96Kb / 5P
   High Power Chip Resistors
logo
Panasonic Semiconductor
ERJ-B1CJR13U PANASONIC-ERJ-B1CJR13U Datasheet
94Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
ERJ-B1CJR10U PANASONIC-ERJ-B1CJR10U Datasheet
100Kb / 3P
   High Power Chip Resistors / Wide Terminal Type
logo
Rohm
LTR10 ROHM-LTR10 Datasheet
71Kb / 5P
   High Power Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com