Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11699H Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB11699H
Description  Spindle Motor Driver IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11699H Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB11699H Datasheet HTML 1Page - Sanyo Semicon Device LB11699H Datasheet HTML 2Page - Sanyo Semicon Device LB11699H Datasheet HTML 3Page - Sanyo Semicon Device LB11699H Datasheet HTML 4Page - Sanyo Semicon Device LB11699H Datasheet HTML 5Page - Sanyo Semicon Device LB11699H Datasheet HTML 6Page - Sanyo Semicon Device LB11699H Datasheet HTML 7Page - Sanyo Semicon Device LB11699H Datasheet HTML 8Page - Sanyo Semicon Device LB11699H Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LB11699H
No. 8315 -7/9
Pin Functions
Pin No.
Pin
Pin
voltage
Description
Equivalent Circuit
19
VCC2
4V
to
13.6V
Power supply that provides the source side
predriver voltage.
Power supply that provides the constant
current control amplifier voltage.
17
VCC1
4V to 6V
Power supply that provides all voltages other
than those for the output transistors, the source
side predrivers, and the low-current control
amplifier.
9
RS
Reverse rotation detection
Outputs a high level for forward rotation.
Outputs a low level for reverse rotation.
8
FG
One or three Hall sensor Schmitt trigger
comparator synthesized output
15
UIN1
16
UIN2
U phase Hall sensor input and reverse rotation
detection U phase Schmitt trigger comparator
input.
The logical high state indicates the state where
UIN1 > UIN2.
13
VIN1
14
VIN2
V phase Hall sensor input and reverse rotation
detection V phase Schmitt trigger comparator
input.
The logical high state indicates the state where
VIN1 > VIN2.
11
WIN1
12
WIN2
1.2V
to
VCC1-1V
W phase Hall sensor input and reverse rotation
detection W phase Schmitt trigger comparator
input.
The logical high state indicates the state where
WIN1 > WIN2.
10
VH
Provides the Hall sensor low side device
voltage
.
6
S/S
0V
to
VCC1
All internal circuits are stopped by setting this
pin to 0.7V or lower or by setting it open.
Set this pin to 2.0V or higher when driving the
motor.
5
SIG GND
Ground for all systems except the output
system.
Continued on next page.
10
75
μA
2k
Ω
30k
Ω
VCC1
6
75k
Ω
50k
Ω
VCC1
8
100
μA
10k
Ω
VCC1
9
13
11
14
12
200
Ω
VCC1
15
16
200
Ω
25
μA
25
μA
25
μA


Similar Part No. - LB11699H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690H SANYO-LB11690H Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11692JH SANYO-LB11692JH Datasheet
123Kb / 12P
   Monolithic Digital IC 24V Fan Motor Driver IC
More results

Similar Description - LB11699H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
logo
Panasonic Semiconductor
AN8470NSA PANASONIC-AN8470NSA Datasheet
71Kb / 8P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
logo
Mitsubishi Electric Sem...
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com