Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11652 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74AC11652
Description  OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11652 Datasheet(HTML) 5 Page - Texas Instruments

  74AC11652 Datasheet HTML 1Page - Texas Instruments 74AC11652 Datasheet HTML 2Page - Texas Instruments 74AC11652 Datasheet HTML 3Page - Texas Instruments 74AC11652 Datasheet HTML 4Page - Texas Instruments 74AC11652 Datasheet HTML 5Page - Texas Instruments 74AC11652 Datasheet HTML 6Page - Texas Instruments 74AC11652 Datasheet HTML 7Page - Texas Instruments 74AC11652 Datasheet HTML 8Page - Texas Instruments 74AC11652 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74AC11652
OCTAL BUS TRANSCEIVER AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS088A - DECEMBER 1989 - REVISED APRIL 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
5
5.5
V
VCC = 3 V
2.1
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VCC = 5.5 V
3.85
VCC = 3 V
0.9
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VCC = 5.5 V
1.65
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 3 V
–4
IOH
High-level output current
VCC = 4.5 V
–24
mA
VCC = 5.5 V
–24
VCC = 3 V
12
IOL
Low-level output current
VCC = 4.5 V
24
mA
VCC = 5.5 V
24
∆t/∆v
Input transition rise or fall rate
Control pins
0
5
ns/ V
∆t/∆v
Input transition rise or fall rate
Data
0
10
ns/ V
TA
Operating free-air temperature
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
3 V
2.9
2.9
IOH = – 50 µA
4.5 V
4.4
4.4
5.5 V
5.4
5.4
VOH
IOH = – 4 mA
3 V
2.58
2.48
V
I24
A
4.5 V
3.94
3.8
IOH = – 24 mA
5.5 V
4.94
4.8
IOH = – 75 mA†
5.5 V
3.85
3 V
0.1
0.1
IOL = 50 µA
4.5 V
0.1
0.1
5.5 V
0.1
0.1
VOL
IOL = 12 mA
3 V
0.36
0.44
V
IOL =24mA
4.5 V
0.36
0.44
IOL = 24 mA
5.5 V
0.36
0.44
IOL = 75 mA†
5.5 V
1.65
II
Control inputs
VI = VCC or GND
5.5 V
±0.1
±1
µA
IOZ‡
A or B ports
VO = VCC or GND
5.5 V
±0.5
±5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
80
µA
Ci
Control inputs
VI = VCC or GND
5 V
4.5
pF
Cio
A or B ports
VO = VCC or GND
5 V
12
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ For I/O ports, the parameter IOZ includes the input leakage current.


Similar Part No. - 74AC11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11652 TI1-74AC11652 Datasheet
190Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DW TI1-74AC11652DW Datasheet
190Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652DWR TI1-74AC11652DWR Datasheet
190Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
74AC11652 TI1-74AC11652_11 Datasheet
190Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - 74AC11652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11652 TI1-74AC11652_11 Datasheet
190Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652 Datasheet
331Kb / 22P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54HCT652 TI-SN54HCT652 Datasheet
152Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com