Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC8.0 Datasheet(PDF) 3 Page - MDE Semiconductor, Inc.

Part # SAC8.0
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SAC8.0 Datasheet(HTML) 3 Page - MDE Semiconductor, Inc.

  SAC8.0 Datasheet HTML 1Page - MDE Semiconductor, Inc. SAC8.0 Datasheet HTML 2Page - MDE Semiconductor, Inc. SAC8.0 Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
500 Watt Low Capacitance TVS
PART
NUMBER
REVERSE
STANDOF
F
VOLTAGE
VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
MAXIMUM
JUNCTION
CAPACITANC
E @ 0 VOLTS
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
VWIB
(VOLTS)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp=5.0A
Vc (V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR (µA)
INVERSE
BLOCKING
LEAKAGE
CURRENT
@ VWIB IIB
(Ma)
SAC5.0
5.00
7.60
50
75
10.0
44.0
300
1
SAC6.0
6.00
7.90
50
75
11.2
41.0
300
1
SAC7.0
7.00
8.33
50
75
12.6
38.0
300
1
SAC8.0
8.00
8.89
50
75
13.4
36.0
100
1
SAC8.5
8.50
9.44
50
75
14.0
34.0
50
1
SAC10
10.00
11.10
50
75
16.3
29.0
5
1
SAC12
12.00
13.30
50
75
19.0
25.0
5
1
SAC15
15.00
16.70
50
75
23.6
20.0
5
1
SAC18
18.00
20.00
50
75
28.8
15.0
5
1
SAC22
22.00
24.40
50
75
35.4
14.0
5
1
SAC26
26.00
28.90
50
75
42.3
11.1
5
1
SAC30
30.00
33.30
50
75
48.6
10.0
5
1
SAC36
36.00
40.00
50
75
60.0
8.6
5
1
SAC45
45.00
50.00
50
150
77.0
6.8
5
1
SAC50
51.00
55.50
50
150
88.0
5.8
5
1
Certified RoHS Compliant
UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com


Similar Part No. - SAC8.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC8.0 EIC-SAC8.0 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Micro Commercial Compon...
SAC8.0 MCC-SAC8.0 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC8.0 NJSEMI-SAC8.0 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
SAC8.0 WEITRON-SAC8.0 Datasheet
101Kb / 3P
   Low Capacitance Tranient Voltage Suppressor
logo
Ruilongyuan Electronics...
SAC8.0 RUILON-SAC8.0 Datasheet
685Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SAC8.0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
HSMBJSAC MDE-HSMBJSAC_13 Datasheet
130Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com