Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM7497 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM7497
Description  3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7497 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button SM7497 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM7497 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SAMHOP Microelectronics Corp.
3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
APPLICATION INFORMATION
Application circuit using the SM7497 in an LCD monitor with 8Ω speaker outputs and volume control
Page 7
V.0.1 Sep 11,2007
1
2
3
3
2
1
0.1 uf
1.0 uf
1.0 uf
0.1 uf
1 uf
5K
8
SE / BTL
PVDD / VDD
SHUTDOWN
5
10
9
ROUT +
ROUT -
LOUT -
LOUT +
3
4
6
BYPASS
2 , 12
11
1
RLINEIN
LLINEIN
VDD
VDD
7
VOLUME
Right Audio Input
Left Audio Input
470 uf
470 uf
+
10 uf
Figure2. Typical Single-Ended (SE) audio amplifier application circuit for an LCD monitor
SM7497


Similar Part No. - SM7497

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM7491-BCE-S-010-000 SMI-SM7491-BCE-S-010-000 Datasheet
373Kb / 1P
   Differential Pressure Sensor
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - SM7497

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com