Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8237 Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # SM8237
Description  1.2MHz STEP-UP CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8237 Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM8237 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 13Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SAMHOP Microelectronics Corp.
1.2MHz STEP-UP CONVERTER
OPERATION
The SM8237 uses a constant frequency, current mode control scheme to provide excellent line and load
regulation. Operation can be best understood by referring to the block diagram in figure 1. At the start of each
oscillator cycle, the SR latch is set, which turns on the power switch Q1. A voltage proportional to the switch
current is added to a stabilizing ramp and the resulting sum is fed into the positive terminal pf the PWM
comparator A2. When this voltage exceeds the level at the negative input of A2, the SR latch is reset turning off
the power switch. The level at the negative input of A2 is set by the error amplifier A1, and is simply an
amplified version of the difference between the feedback voltage and the reference voltage of 95mV. In this
manner, the error amplifier sets the correct peak current level to keep the output in regulation. If the error
amplifier's output increases, more current is delivered to the output; if it decreases, less current is delivered.
Minimum output current
The SM8237 can regulate three series LEDs connected at low output currents, down to approximately 4mA
from a 4.2V supply, without pulse skipping, using the same external components as specified for 15mA
operation. As current is further reduced, the device will begin skipping pulses. This will result in some low
frequency ripple, although the LED current remains regulated on an average basis down to zero.
APPLICATIONS INFORMATION
Inductor selection
A 22u H inductor is recommended for most SM8237 applications. Although small size and high efficiency are
major concerns, the inductor should have low core losses at 1.2MHz and low DCR (copper wire resistance).
Some inductors in this category with small size are listed in Table 1.
Capacitor selection
The small size of ceramic capacitors makes them ideal for SM8237 applications. X5R and X7R types are
recommended because they retain their capacitance over wider voltage and temperature ranges than other
types such as Y5V or Z5U. A 1μF input capacitor and a 0.22μF output capacitor are sufficient for most of
SM8237 applicaiotns.
Diode selection
Schottky diodes, with their low forward voltage drop and fast reverse recovery, are the ideal choices for
SM8237 applications. The forward voltage drop of a Schottky diode represents the conduction losses in the
diode, while the diode capacitance (CT or CD ) represents the switching losses. For diode selection, both
forward voltage drop and diode capacitance need to be considered. Schottky diodes with higher current ratings
usually have lower forward voltage drop and larger diode capacitance, which can cause significant switching
losses at the 1.2MHz switching frequency of the SM8237. A Schottky diode rated at 100mA to 200mA is
sufficient for most SM8237 applications.
Page 8
Part number
LQH3C220
ELJPC220KF
CDRH3D16-220
LB2012B220M
LEM2520-220
DCR
(Ω)
0.71
4.0
0.53
1.7
5.5
Current rating
(mA)
Panasonic
160
350
75
125
Manufacturer
Murata
250
Sumida
Taiyo Yuden
Taiyo Yuden
Part
number
CMDSH-3
CMDSH2-3
BAT54
Forward
current (mA)
100
100
200
Voltage drop
(V)
0.58 at
100mA
0.49 at
200mA
0.53 at
100mA
Diode
capacitance (pF)
7.0 at 10V
15 at 10V
10 at 25V
Manufacturer
Central
Central
Zetex
Table 1. Recommended inductors
Table 2. Recommended Schottky diodes
V.1.3 Aug 28,2007


Similar Part No. - SM8237

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
logo
NEC
SM8230A NEC-SM8230A Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230AS NEC-SM8230AS Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
SM823J ETC1-SM823J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

Similar Description - SM8237

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
   750kHz/1.2MHz Step-up DC/DC Converter
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com