Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM15T15CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # SM15T15CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SM15T15CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  SM15T15CA Datasheet HTML 1Page - MDE Semiconductor, Inc. SM15T15CA Datasheet HTML 2Page - MDE Semiconductor, Inc. SM15T15CA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• For surface mounted applications in order to
optimize board space
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Excellent clamping capability
• Repetition Rate(duty cycle):0.05%
Volts to BV min.
• Typical IR less than 1mA above 10V
• High temperature soldering: 250°C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction
Dimensions in inches and (millimeters)
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode) except Bidirectional
Standard Packaging: 16mm tape(EIA STD RS-481)
Weight: 0.007ounce, 0.21gram
Ratings at 25℃ ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
PPPM
Minimum 1500
Watts
IPPM
SEE TABLE 1
Amps
TJ , TSTG
-55 to + 150
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
2.Mounted on 8.0mm2 Copper Pads to each terminal
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
Certified RoHS Compliant
UL File # E223026
200
For Bidirectional use Suffix CA for types SM15T6V8CA thru types SM15T220CA
Peak Pulse Current of on 10/1000µs waveform (Note 1,FIG.3)
RATING
Operating junction and Storage Temperature Range
SM15T SERIES
Amps
Superimposed on Rated Load,(JEDEC Method) (Note 3)
• Fast response time: typically less than 1.0ps from 0
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
DEVICES FOR BIPOLAR APPLICATION
Electrical characteristics apply in both directions
Peak Pulse Power Dissipation on 10/1000µs waveform (Note 1,FIG.1)
IFSM
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 • Fax : 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MAXIMUM RATINGS AND CHARACTERISTICS
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-6.8 TO 220 Volts
1500 Watt Peak Pulse Power


Similar Part No. - SM15T15CA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T15CA STMICROELECTRONICS-SM15T15CA Datasheet
189Kb / 5P
   TRANSILTM
SM15T15CA STMICROELECTRONICS-SM15T15CA Datasheet
125Kb / 9P
   TransilTM
SM15T15CA STMICROELECTRONICS-SM15T15CA Datasheet
759Kb / 6P
   UNI-AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
February 1989
SM15T15CAY STMICROELECTRONICS-SM15T15CAY Datasheet
227Kb / 12P
   Automotive 1500 W Transil
More results

Similar Description - SM15T15CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com