Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIDM-30 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # AIDM-30
Description  AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AIDM-30 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  AIDM-30 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
AIDM 9901
AIDM 14-Pin Schematic
1
IN
4
6
Tap4
7
GND
Tap5
8
10
Tap1
12
Vcc
14
Tap3
Tap2
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
DIP
DIP
Dimensions in Inches (mm)
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
G-SMD
G-SMD
J-SMD
J-SMD
Electrical Specifications at 25OC
AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1.
OPERATING SPECIFICATIONS
V
CC Supply Voltage ...................................
5.00 ± 0.25 VDC
I
CC
Supply Current .................................... 48 mA Maximum
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ..............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ..........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ............................... 0.50 V max.
P
WI
Input Pulse Width ............................. 40% of Delay min.
Operating Temperature Range ............................ 0O to 70OC
Storage Temperature Range ...................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
P/N Description
AIDM - XXX X
Buffered 5 Tap Delay
Molded Package Series:
14-pin DIP: AIDM
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: AIDM-25G =
25ns (5ns per tap)
74F, 14-Pin G-SMD
AIDM-100 =
100ns (20ns per tap)
74F, 14-Pin DIP
Low Profile 14-Pin Package
Two Surface Mount Versions
FAST/TTL Logic Buffered
5 Equal Delay Taps
Operating Temperature
Range 0OC to +70OC
8-Pin Versions: FAMDM Series
SIP Versions: FSIDM Series
Low Voltage CMOS Versions
refer to LVMDM / LVIDM Series
FAST/TTL
14-Pin DIP P/N
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <13ns)
Tap-to-Tap
(ns)
Tap 1
Tap 2
Tap 3
Tap 4
Total - Tap 5
AIDM-7
3.0
4.0
5.0
6.0
7 ± 1.0
∗∗ 1 ± 0.5
AIDM-9
3.0
4.5
6.0
7.5
9 ± 1.0
∗∗ 1.5 ± 0.5
AIDM-11
3.0
5.0
7.0
9.0
11 ± 1.0
∗∗ 2 ± 0.7
AIDM-13
3.0
5.5
8.0
10.5
13 ± 1.5
∗∗ 2.5 ± 1.0
AIDM-15
3.0
6.0
9.0
12.0
15 ± 1.5
3 ± 1.0
AIDM-20
4.0
8.0
12.0
16.0
20 ± 2.0
4 ± 1.5
AIDM-25
5.0
10.0
15.0
20.0
25 ± 2.0
5 ± 2.0
AIDM-30
6.0
12.0
18.0
24.0
30 ± 2.0
6 ± 2.0
AIDM-35
7.0
14.0
21.0
28.0
35 ± 2.0
7 ± 2.0
AIDM-40
8.0
16.0
24.0
32.0
40 ± 2.0
8 ± 2.0
AIDM-50
10.0
20.0
30.0
40.0
50 ± 2.5
10 ± 2.0
AIDM-60
12.0
24.0
36.0
48.0
60 ± 3.0
12 ± 2.0
AIDM-75
15.0
30.0
45.0
60.0
75 ± 3.75
15 ± 2.5
AIDM-100
20.0
40.0
60.0
80.0
100 ± 5.0
20 ± 3.0
AIDM-125
25.0
50.0
75.0
100.0
125 ± 6.25
25 ± 3.0
AIDM-150
30.0
60.0
90.0
120.0
150 ± 7.5
30 ± 3.0
AIDM-200
40.0
80.0
120.0
160.0
200 ± 10.0
40 ± 4.0
AIDM-250
50.0
100.0
150.0
200.0
250 ± 12.5
50 ± 5.0
AIDM-350
70.0
140.0
210.0
280.0
350 ± 17.5
70 ± 7.0
AIDM-500
100.0
200.0
300.0
400.0
500 ± 25.0
100 ± 10.0


Similar Part No. - AIDM-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIDM-30 ETC-AIDM-30 Datasheet
287Kb / 4P
   5-TAP auto-insert, surface mount dips
AIDM-300 ETC-AIDM-300 Datasheet
287Kb / 4P
   5-TAP auto-insert, surface mount dips
More results

Similar Description - AIDM-30

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
   AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
   FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
DAIDM-7 RHOMBUS-IND-DAIDM-7 Datasheet
38Kb / 1P
   DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
   FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
   XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
ACDM-30 RHOMBUS-IND-ACDM-30 Datasheet
36Kb / 1P
   ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com