Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD320S Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STD320S
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD320S Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STD320S Datasheet HTML 1Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 2Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 3Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 4Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 5Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 6Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 7Page - SamHop Microelectronics Corp. STD320S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S mHop Microelectronics C orp.
a
STU/D320S
Symbol
VDS
VGS
IDM
EAS
W
A
PD
°C
20
-55 to 150
ID
Units
Parameter
30
30
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
THERMAL CHARACTERISTICS
15
mJ
PRODUCT SUMMARY
VDSS
ID
RDS(ON) (m
) Max
30V
30A
29 @ VGS=4.5V
20 @ VGS=10V
FEATURES
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ABSOLUTE MAXIMUM RATINGS (TC=25°C unless otherwise noted)
Limit
Drain Current-Continuous
a
-Pulsed
b
A
Avalanche Energy
d
Maximum Power Dissipation
a
Operating Junction and Storage
Temperature Range
TJ, TSTG
Ver 1.0
www.samhop.com.tw
Aug,11,2008
1
TO-252 and TO-251 Package.
Super high dense cell design for low RDS(ON).
Rugged and reliable.
STU SERIES
TO-252AA(D-PAK)
G
S
D
STD SERIES
TO-251(l-PAK)
G
S
D
TC=25°C
TC=25°C
ESD Protected.
G
D
S
120
TC=70°C
24
A
TC=70°C
32
W
50
°C/W
Thermal Resistance, Junction-to-Ambient
R JA
4
°C/W
Thermal Resistance, Junction-to-Case
R JC
a
a
e


Similar Part No. - STD320S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Visual Communications C...
STD320BLK VCC-STD320BLK Datasheet
67Kb / 1P
   STD
logo
Sirectifier Semiconduct...
STD320GK08 SIRECTIFIER-STD320GK08 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD320GK08 SIRECTIFIER-STD320GK08 Datasheet
245Kb / 4P
   Thyristor-Diode Modules
STD320GK12 SIRECTIFIER-STD320GK12 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - STD320S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com