Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU407DH Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STU407DH
Description  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU407DH Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STU407DH Datasheet HTML 1Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 2Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 3Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 4Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 5Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 6Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 7Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 8Page - SamHop Microelectronics Corp. STU407DH Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual E nhancement Mode Field E ffect Transistor ( N and P C hannel)
Apr 20 2007
ABS OLUTE MAXIMUM R ATING S (TA=25 C unless otherwise noted)
P arameter
S ymbol
N-C hannel P -C hannel
Unit
Drain-S ource Voltage
VDS
V
G ate-S ource Voltage
VGS
V
Drain C urrent-C ontinuous @ Tc
-P ulsed
ID
11
A
A
A
W
IDM
Drain-S ource Diode Forward C urrent
IS
Maximum P ower Dissipation
P D
Operating J unction and S torage
Temperature R ange
TJ, TS TG
-55 to 175
C
a
40
8
-40
-12
-6
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m ) Max
40V
16A
29 @ V G S = 10V
39 @ V G S = 4.5V
(N-C hannel)
P R ODUC T S UMMAR Y
V DS S
ID
-40V
-12A
47 @ V G S = -10V
64 @ V G S = -4.5V
(P -C hannel)
S amHop Microelectronics C orp.
20
-50
S T U407DH
R DS (ON) ( m ) Max
16
50
25 C
70 C
Tc= 25 C
Tc= 70 C
7.7
13.8
-10
A
THE R MAL C HAR AC TE R IS TIC S
Thermal R esistance, J unction-to-C ase
Thermal R esistance, J unction-to-Ambient
R JC
13.6
120
R JA
/W
C
/W
C
N-ch
P -ch
TO-252-4L
D1/D2
S 1
G 1
S 2
G 2
20
G 1
D1
S 1
G 2
D2
S 2


Similar Part No. - STU407DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results

Similar Description - STU407DH

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU309DH SAMHOP-STU309DH Datasheet
201Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STS3621 SAMHOP-STS3621 Datasheet
195Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU309D SAMHOP-STU309D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU312D SAMHOP-STU312D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com