Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU428S Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # STU428S
Description  N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU428S Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  STU428S Datasheet HTML 1Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 2Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 3Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 4Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 5Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 6Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 7Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 8Page - SamHop Microelectronics Corp. STU428S Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6
F igure 12. Ma ximum S a fe
O pera ting Area
V DS , Drain-S ource V oltage (V )
100
10
0.5
0.1
1
1
10
30
60
V GS =10V
S ingle P uls e
T c=25 C
DC
1s
100
ms
10m
s
1m
s
F igure 10. G a te C ha rge
Qg, T otal G ate C harge (nC )
10
8
6
4
2
0
0
5
10
15
20
25
30
35 40
V DS =15V
ID=10A
F igure 9. C apacitance
V DS , Drain-to S ource Voltage (V )
0
5
10
15
20
25
30
2400
2000
1600
1200
800
400
0
C is s
C os s
C rs s
F igure 11.s witching cha ra cteris tics
R g, G ate R es is tance (
ı Ω)
100
10
1
1
6 10
60 100
60
600
300
220
)
V DS =15V ,ID=1A
V G S =10V
5
600
S T U/D428S
T D(off)
T r
T D(on)
T f


Similar Part No. - STU428S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STU428S VBSEMI-STU428S Datasheet
900Kb / 8P
   N-Channel 40-V (D-S) MOSFET
More results

Similar Description - STU428S

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU20N03L SAMHOP-STU20N03L Datasheet
801Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST420S SAMHOP-ST420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
SDU9916 SAMHOP-SDU9916 Datasheet
424Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com