Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1TTED20L0J Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # SL1TTED20L0J
Description  Current Sensing Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SL1TTED20L0J Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  SL1TTED20L0J Datasheet HTML 1Page - KOA Speer Electronics, Inc. SL1TTED20L0J Datasheet HTML 2Page - KOA Speer Electronics, Inc. SL1TTED20L0J Datasheet HTML 3Page - KOA Speer Electronics, Inc. SL1TTED20L0J Datasheet HTML 4Page - KOA Speer Electronics, Inc. SL1TTED20L0J Datasheet HTML 5Page - KOA Speer Electronics, Inc. SL1TTED20L0J Datasheet HTML 6Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 6
KOA SPEER ELECTRONICS, INC.
SS-199 R18
Dimensions in inches (mm)
6-3 Environmental Characteristics
7.9
40°C ± 2°C; 90 ~ 95% RH; 1,000 hours
± 2.0% maximum
No visual damage
Damp Heat
Load Life
(Rated load)
Temperature
Cycling
4
Flammability
5
± 2.0% maximum
No visual damage
Incombustible
± 1.0% maximum
No mechanical damage
MIL-STD-202, Method 108, 70°C, 1000 hours
@ RCWV, 1.5 hr ON, 0.5 hr OFF
30 minutes @ -55°C, 15 minutes @ +25°C,
30 minutes @ +125°C, 15 minutes @ +25°C,
5 cycles
7.12 3.1
in flame/out flame
15 sec./15 sec.
5 cycles
Item
Requirement
Test Method (JIS C 5202)
No.
1
3
45∞
Outer
flame
4.99
(127)
Inner
flame
1.49
(38)
.374 (9.5)
Moisture Resistance
± 2.0% maximum
No evidence of damage
MIL-STD-202, Method 103, 40°C, 90-95% RH,
1000 hours
2
6-2 Mechanical Characteristics
MIL-R55342 π 4.7.7,
260°C for 10 seconds
± 1.0% maximum
Resistance to
Soldering Heat
Solderability
Vibration
3
Resistance to
Solvents
4
95% of the terminal should
be covered with new solder
No visual and mechanical
damage
± 0.5% maximum
Immerse in solder at 230°C ± 5°C
for 3 ± 0.5 seconds
6.3
Condition A
Each direction/2 hours
6.9
Item
Requirement
Test Method (JIS C 5202)
No.
1
2


Similar Part No. - SL1TTED20L0J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
   surface mount molded current sense resistors
SL1TTE12L0F KOA-SL1TTE12L0F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1TTE12L1F KOA-SL1TTE12L1F Datasheet
382Kb / 4P
   surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
   Surface mount molded current sense resistors
SL1TTE20L0D KOA-SL1TTE20L0D Datasheet
284Kb / 2P
   surface mount molded current sense resistors
More results

Similar Description - SL1TTED20L0J

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
List of Unclassifed Man...
CSTN02 ETC-CSTN02 Datasheet
1Mb / 3P
   THIN FILM CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com