Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR731JTTD1R00G Datasheet(PDF) 4 Page - KOA Speer Electronics, Inc.

Part # SR731JTTD1R00G
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR731JTTD1R00G Datasheet(HTML) 4 Page - KOA Speer Electronics, Inc.

  SR731JTTD1R00G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR731JTTD1R00G Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 4 OF 8
KOA SPEER ELECTRONICS, INC.
SS-239 R4
Item
Requirement
Test Methods (JIS C 5202)
Resistance
Within tolerance
5.1
Measuring Voltage A, 25 °C
Resistance of
Within specified R.T.C
5.2 Condition B
Temperature Coefficient
-55°C/125°C
Short Time Overload
± 2.0%
5.5 Condition A
Intermittent Overload
± 5.0%
5.8
Applied Voltage: RV x 2.5
Insulation
Above 104
5.5
500V DC
The following sketch:
\
8-2 Electrical Characteristics
Item
Requirement
Test Methods (JIS C 5202)
Withstanding
No visual damage
6.10
Soldering Heat
± 1.0%
260°C ± 5°C
10 ± 1 sec.
Solderability
More than 95% of the surface of the termination
6.11
must be covered new solder
230°C ± 5°C
3 ± 0.5 sec.
Termination Strength
± 1.0%
6.1.4
1) Bending
2A, 2B
Circuit board bending 5mm
Circuit board bending 2mm
2) Shear
3) Pull-off strength
Vibration
± 0.5%
6.3 Condition A
Each direction / 2hrs
Withstanding Solvent
No visual & mechanical damage
1) 4.2 and 4.9
2) MIL-STD-202F
Test method 215
8. Characteristics
8-1 Mechanical Characteristics
SS-239 R4
12/5/07
10:11 AM
Page 4


Similar Part No. - SR731JTTD1R00G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR731JTTD1R00 KOA-SR731JTTD1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR731JTTD1R00G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com