Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF100-10 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # TF100-10
Description  TF Series Fast tr High Performance 20 Section 10-Tap 28-Pin Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

TF100-10 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  TF100-10 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
DLM_TF 1/98
10
Multi-Line
Passive P/N
Nominal
Impedance
Nominal
Combined
Delay
DCR max.
(Ohms)
Line 1 (ns)
Pin 2 to Pin 13
Line 2 (ns)
Pin 3 to Pin 12
Line 3 (ns)
Pin 4 to Pin 11
Line 4 (ns)
Pin 5 to Pin 10
Line 5 (ns)
Pin 6 to Pin 9
DLM5-1555
50 Ω
155
1.2
80 ± 4.0
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
DLM5-785
50 Ω
77.5
1.1
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
DLM5-395
50 Ω
38.5
0.9
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
1.0 ± 0.4
DLM5-1557
75 Ω
155
1.3
80 ± 4.0
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
DLM5-787
75 Ω
77.5
1.2
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
DLM5-397
75 Ω
38.5
1.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
1.0 ± 0.4
DLM5-1551
100 Ω
155
1.8
80 ± 4.0
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
DLM5-781
100 Ω
77.5
1.7
40 ± 2.0
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
DLM5-391
100 Ω
38.5
1.5
20 ± 1.0
10 ± 1.0
5.0 ± 0.5
2.5 ± 0.5
1.0 ± 0.4
Electrical Specifications at 25OC 1, 2, 3
(Refer to Operating Specifications for Passive Delays page 2.)
1. Rise Times are measured from 10% to 90% points.
2. Delay Times measured at 50% points of leading edge.
3. Output (100% Tap) terminated through Z
O to ground.
D14-300
.300" Wide DIP
14 Pin Package
Detailed Drawing.
See pg. 9 (TZB type)
Standard Impedances: 50 - 75 - 100
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Multi-Line Delay Modules
5 Independent Lines can be Cascaded
to Achieve Wide Range of Delays
Applications include Video & Test Equipment
14
13
12
1
3
56
7
4
2
9
8
11
10
IN1
IN2
IN3
OUT
1
COM
COM
IN5
IN4
OUT
2
OUT
3
OUT
4
OUT
5
DLM5
Schematic
Diagram
Delay Tolerances
50 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
75 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
100 Ohm
Part Number
Rise
Time
(ns)
DCR
max.
(Ohms)
Total
(ns)
Tap-to-Tap
(ns)
50 ± 2.5
5.0 ± 1.0
TF50-5
6.2
1.9
TF50-7
6.2
2.0
TF50-10
6.4
2.2
75 ± 3.7
7.5 ± 2.0
TF75-5
9.2
2.1
TF75-7
9.2
2.2
TF75-10
9.4
2.3
80 ± 4.0
8.0 ± 2.0
TF80-5
9.5
2.2
TF80-7
9.6
2.3
TF80-10
9.9
2.4
100 ± 5.0 10.0 ± 2.0 TF100-5
11.2
2.3
TF100-7
11.7
2.5
TF100-10
12.5
2.7
120 ± 6.0 12.0 ± 2.0 TF120-5
13.4
2.3
TF120-7
13.7
2.7
TF120-10
13.8
3.1
150 ± 15.0 15.0 ± 2.5 TF150-5
15.7
2.4
TF150-7
16.1
3.1
TF150-10
16.4
3.5
200 ± 10.0 20.0 ± 3.0 TF200-5
21.3
2.5
TF200-7
21.5
3.3
TF200-10
21.6
3.8
250 ± 12.5 25.0 ± 3.0 TF250-5
27.2
2.6
TF250-7
27.3
3.5
TF250-10
27.5
4.3
300 ± 15.0 30.0 ± 3.5 TF300-5
31.1
2.7
TF300-7
31.4
3.6
TF300-10
32.3
4.6
400 ± 20.0 40.0 ± 4.0 TF400-5
41.0
2.8
TF400-7
41.3
3.7
TF400-10
41.7
4.8
500 ± 25.0 50.0 ± 5.0 TF500-5
50.8
2.9
TF500-7
53.1
3.9
TF500-10
54.2
5.1
Electrical Specifications at 25OC 1, 2, 3
(Refer to Operating Specifications for Passive Delays page 2.)
.120
(3.05)
MIN.
.020
(0.51)
TYP.
.050
(1.27)
TYP.
.100
(2.54)
TYP.
.275
(6.99)
MAX.
1.450
(36.83)
MAX.
.300
(7.62)
MAX.
.320 (8.13)
.290 (7.37)
.350 (8.89)
.310 (7.87)
.010
(0.25)
TYP.
.030
(0.76)
TYP.
8
10
70%
60%
9
90% 100%
80%
11
12
13
14
1
34
2
5
30%
6
7
20%
IN
50%
40%
10%
18
17
16
15
COM
COM
19
20
21
22
23
24
25
26
27
28
TF Series Fast t
r
High Performance
20 Section 10-Tap
28-Pin Delay Lines
TF Schematic Diagram
Fast Rise Time ( t
d / tr
10 )
High Bandwidth
0.35 / t
r
Low Distortion LC Network
10 Equal Delay Taps
Standard Impedances: 50 - 75 - 100 - 200
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temperature Range -55OC to +125OC
Dimensions in Inches (mm)


Similar Part No. - TF100-10

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF100-10 RHOMBUS-IND-TF100-10 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
More results

Similar Description - TF100-10

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
TF50-5 RHOMBUS-IND-TF50-5_1 Datasheet
38Kb / 1P
   TF Series High Performance 20 Section 10-Tap Delay Lines / SP3 Series
logo
Data Delay Devices, Inc...
2214 DATADELAY-2214 Datasheet
46Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10
logo
List of Unclassifed Man...
2214-50A ETC-2214-50A Datasheet
51Kb / 3P
   20-TAP DIP DELAY LINE TD/TR = 10 (SERIES 2214)
logo
PCA ELECTRONICS INC.
EP9100 PCA-EP9100 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP91XX PCA-EP91XX_15 Datasheet
27Kb / 1P
   28 Pin SMD 5 Tap TTL Compatible Active Delay Lines
EP8301 PCA-EP8301 Datasheet
23Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EPA619-50 PCA-EPA619-50 Datasheet
24Kb / 1P
   14 Pin DIP 10 Tap TTL Compatible Active Delay Lines
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
logo
Data Delay Devices, Inc...
1507 DATADELAY-1507 Datasheet
38Kb / 2P
   10-TAP SIP DELAY LINE TD/TR = 5
logo
PCA ELECTRONICS INC.
EPA247-50 PCA-EPA247-50 Datasheet
24Kb / 1P
   SMD 14 Pin 10 Tap TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com