Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUJWZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9016IRUJWZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUJWZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9016IRUJWZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 10Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6832.0
January 22, 2009
Typical Application Diagram
Pin Descriptions
PIN #
PIN
NAME
DESCRIPTION
1
VIN
Supply Voltage/LDO Input. Connect a 1µF capacitor to GND.
2
GND
GND is the connection to system ground. Connect to PCB Ground plane.
3
EN2
LDO2 Enable pin. Enable = High, Disable = Low. A 100k resistor should be connected between EN2 and the control voltage
rail. Do NOT leave it floating.
4
EN1
LDO1 Enable pin. Enable = High, Disable = Low. A 100k resistor should be connected between EN1 and the control voltage
rail. Do NOT leave it floating.
5VOUT2
LDO2 Output. Connect capacitor with a value from 1µF to 4.7µF to GND (1µF recommended).
6
VOUT1
LDO1 Output. Connect capacitor with a value from 1µF to 4.7µF to GND (1µF recommended).
-
E-Pad
Connect the e-pad to the system ground.
VIN
GND
EN2
EN1
VOUT2
VOUT1
ON
OFF
ON
OFF
C1
C2
C3
C1, C2, C3:1µF, X5R (or X7R) CERAMIC CAPACITOR
R1, R2: 100k
R1
R2
ISL9016
VIN (1.8V TO 6.5V)
VOUT1
1.2V~3.3V, 0~150mA
VOUT2
1.2V~3.3V, 0~150mA
ISL9016


Similar Part No. - ISL9016IRUJWZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUJWZ-T INTERSIL-ISL9016IRUJWZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Renesas Technology Corp
ISL9016IRUJWZ-T RENESAS-ISL9016IRUJWZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUJWZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com