Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUKFZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9016IRUKFZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUKFZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9016IRUKFZ-T Datasheet HTML 1Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 2Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUKFZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6832.0
January 22, 2009
LDO Soft-Start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during
start-up
30
60
µs/V
EN PIN CHARACTERISTICS
Input Low Voltage
VIL
TA = -20°C to +85°
-0.3
0.4
V
Input High Voltage
VIH
1.1
VIN + 0.3
V
Input Leakage Current
IIL, IIH
0.1
µA
REVERSE CURRENT CHARACTERISTICS
Output Reverse Leakage Current
(Note 6)
IORLC
VIN = 0V, VOUT = 5.5V
8
15
µA
NOTES:
5. VOx = 0.98*VOx(NOM); Valid for VOx greater than 1.80V.
6. Output reverse leakage current is measured with VIN pin grounded and VOUT pin connected to 5.5V.
Electrical Specifications
Unless otherwise noted, all parameter limits are guaranteed over the recommended operating conditions and
the typical specifications are measured at the following conditions: TA = +25°C; VIN = (VO + 0.5V) to 6.5V with
a minimum VIN of 1.8V; CIN = 1µF; CO = 1µF. Parameters with MIN and/or MAX limits are 100% tested at
+25°C, unless otherwise specified. Temperature limits established by characterization and are not production
tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9016


Similar Part No. - ISL9016IRUKFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUKFZ-T INTERSIL-ISL9016IRUKFZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Renesas Technology Corp
ISL9016IRUKFZ-T RENESAS-ISL9016IRUKFZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUKFZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com