Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE9309-01 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE9309-01
Description  3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9309-01 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE9309-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE9309-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE9309-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE9309-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE9309-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9309-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Specification
PE9309
Page 2 of 6
©2007-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0241-04
│ UltraCMOS™ RFIC Solutions
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Figure 3. Pin Configuration (Top View)
Table 2. Pin Descriptions
Pin No.
Pin Name
Description
1
VBYPS
Prescaler Supply Bypass
2
VBYPS
Prescaler Supply Bypass
3
IN
RF Input
4
GND
Ground
5
NC
Not Connected
6
OUT
RF Output.
7
VDD
Supply Voltage
8
RBIAS
Frequency-Selecting Bias Resistor
GND
GND
Bottom of the package is Ground.
Connecting the bottom of the package to
ground is required
Table 4. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
DC Supply voltage
3.0
V
TST
Storage temperature
range
-65
150
°C
TOP
Operating temperature
range
-40
85
°C
VESD
ESD voltage (Human
Body Model)
250
V
PINMAX
Maximum input power
14
dBm
Device Functional Considerations
The PE9309 divides a 3.0 GHz to 13.5 GHz input
signal by four, producing a 750 MHz to 3.375 GHz
output signal. In order for the prescaler to work
properly, several conditions need to be adhered to.
It is crucial that pins 1, 2 and 7 be supplied with
bypass capacitors to ground. In addition, the output
signal (pins 6) needs to be ac coupled via an
external capacitor as shown in the test circuit in
Figure 5.
The input frequency range is selected by the value
of RBIAS according to Figure 4.
The ground pattern on the board should be made as
wide as possible to minimize ground impedance.
The bottom of the package is the primary ground
connection and it needs to be soldered to the PCB
ground.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted
to the limits in the Operating Ranges table.
Operation between operating range maximum and
absolute maximum for extended periods may reduce
reliability.
9309
1
2
3
4
RF IN
GND
VBYPS
8
7
6
5
RBIAS
VDD
RF OUT
NC
VBYPS
Top View
Side View
GND
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
2.45
2.6
2.75
V
Supply Current (IDD)
6
23
mA
Table 3. Operating Ranges
Figure 4. Frequency versus RBIAS
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
5
10
15
20
25
30
35
40
45
50
55
60
RBIAS (KOhm)
Lower Freq Lim
Optimal Freq Lim
Upper Freq Lim


Similar Part No. - PE9309-01

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
   SMB Tee Adapter Plug-Jack-Jack
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
More results

Similar Description - PE9309-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9309 PSEMI-PE9309 Datasheet
221Kb / 6P
   3.0 - 13.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
logo
California Eastern Labs
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
   3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com