Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42650A Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # PE42650A
Description  SP3T High Power UltraCMOS RF Switch 30 MHz - 1000 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42650A Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button PE42650A Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE42650A Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Product Specification
PE42650A
Page 10 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0267-02
│ UltraCMOS™ RFIC Solutions
Table 7. Ordering Information
Figure 26. Package Drawing
Figure 27. Tape and Reel Specs
Note: Not for electrical connection.
Corner detail is tied to paddle and
should not be isolated on PCB board.
See Note
below
Order Code
Part Marking
Description
Package
Shipping Method
PE42650AMLI-Z
42650A
Parts on Tape and Reel
Green 32-lead 5x5mm QFN
3000 units / T&R
PE42650AMLI
42650A
Parts in Tubes or Cut Tape
Green 32-lead 5x5mm QFN
73 units / Tube
EK42650A-01
42650A
Evaluation Kit
Evaluation Kit
1 / Box
Device Orientation in Tape
Top of
Device
Pin 1
Tape Feed Direction


Similar Part No. - PE42650A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
   75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
logo
Peregrine Semiconductor
PE426525 PSEMI-PE426525 Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
PE426525A-X PSEMI-PE426525A-X Datasheet
271Kb / 13P
   Wideband support up to 60 GHz
More results

Similar Description - PE42650A

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42510A PEREGRINE-PE42510A Datasheet
380Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30-2000 MHz
PE42510A PEREGRINE-PE42510A Datasheet
375Kb / 7P
   SPDT High Power UltraCMOS RF Switch 30 - 2000 MHz
logo
Peregrine Semiconductor
PE42430 PSEMI-PE42430 Datasheet
413Kb / 11P
   UltraCMOS SP3T Reflective RF Switch
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
   UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE4259 PSEMI-PE4259 Datasheet
479Kb / 9P
   SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
logo
Tyco Electronics
SW-163-PIN MACOM-SW-163-PIN Datasheet
138Kb / 3P
   Matched SP3T RF Switch, 20 - 1500 MHz
logo
Peregrine Semiconductor...
PE4245 PEREGRINE-PE4245 Datasheet
279Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
   SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Peregrine Semiconductor
PE42722 PSEMI-PE42722 Datasheet
361Kb / 15P
   UltraCMOS SPDT RF Switch, 5-1794 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com