Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43072 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE43072
Description  50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43072 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE43072 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43072 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE43702
Page 2 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0244-03
│ UltraCMOS™ RFIC Solutions
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
Attenuation Setting (dB.)
200MHz
2200MHz
3000MHz
4000MHz
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
0.0
1.0
2.0
3.0
4.0
Frequency (GHz)
0.25dB State
0.5 dB State
1dB State
2dB State
4dB State
8dB State
16dB State
31.75dB State
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
2468
10
12
14
16
18
20
22
24
26
28
30
32
Attenuation Setting (dB.)
200MHz
900MHz
1800MHz
2200MHz
3000MHz
4000MHz
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V or 5.0 V
Parameter
Test Conditions
Frequency
Min
Typical
Max
Units
Frequency Range
DC – 4
GHz
Attenuation Range
0.25 dB Step
0 – 31.75
dB
Insertion Loss
DC - 4 GHz
2.0
2.5
dB
Attenuation Error
0 dB - 7.75 dB Attenuation settings
8 dB - 31.75 dB Attenuation settings
DC - 4 GHz
DC - 4 GHz
±(0.2 + 3%)
±(0.3 + 4%)
dB
dB
Return Loss
DC - 4 GHz
18
dB
Relative Phase
All States
DC - 4 GHz
44
deg
P1dB
Input
20 MHz - 4 GHz
30
32
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
20 MHz - 4 GHz
57
dBm
Typical Spurious Value
1MHz
-110
dBm
Video Feed Through
10
mVpp
Switching Time
50% DC CTRL to 10% / 90% RF
650
ns
RF Trise/Tfall
10% / 90% RF
400
ns
Settling Time
RF settled to within 0.05 dB of final value.
RBW = 5 MHz, Averaging ON.
4
µs
*Monotonicity is held so long as Step-Error does not cross zero
Figure 3. 0.25dB Step Error vs. Frequency*
5
1015
20
2530
035
5
10
15
20
25
30
0
35
Attenuation State
PE43702 Attenuation
900 MHz
2200 MHz
3800 MHz
Figure 4. 0.25dB Attenuation vs. Attenuation State
Performance Plots
Figure 5. 0.25dB Major State Bit Error
Figure 6. 0.25dB Attenuation Error vs. Frequency


Similar Part No. - PE43072

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
302Kb / 2P
   BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307 Datasheet
441Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
415Kb / 3P
   BNC Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE43072

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com