Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43073 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE43073
Description  50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43073 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button PE43073 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE43073 Datasheet HTML 12Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Product Specification
PE43703
Page 8 of 15
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0245-04
│ UltraCMOS™ RFIC Solutions
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
Hz
Note: 1. Applied only when external VSS power supply used. Pin 20
must be grounded when using internal Vss supply
Table 5. Operating Ranges
Table 6. Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
VDD Power Supply Voltage
3.0
3.3
V
VDD Power Supply Voltage
5.0
5.5
V
VssEXT Negative Power Supply
Voltage1
-3.0
-2.7
-2.4
V
IDD Power Supply Current
70
350
µA
Digital Input High
2.6
5.5
V
PIN Input power (50Ω):
1 Hz
≤ 20 MHz
20 MHz
≤ 6 GHz
See fig. 28
+23
dBm
dBm
TOP Operating temperature
range
-40
25
85
°C
Digital Input Low
0
1
V
Digital Input Leakage
15
µA
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
6.0
V
VssEXT
Vss External Negative Power
Supply Voltage (optional)
-4.0
0.3
V
VI
Voltage on any Digital input
-0.3
5.8
V
TST
Storage temperature range
-65
150
°C
VESD
ESD voltage (HBM)1
ESD voltage (Machine Model)
500
100
V
V
PIN
Input power (50
Ω)
1 Hz
≤ 20 MHz
20 MHz
≤ 6 GHz
See fig. 28
+23
dBm
dBm
Figure 28. Maximum Power Handling Capability: Z0 = 50 Ω
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
Note: 1. Human Body Model (HBM, MIL_STD 883 Method 3015.7)


Similar Part No. - PE43073

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
302Kb / 2P
   BNC Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
logo
Peregrine Semiconductor
PE4307 PSEMI-PE4307 Datasheet
441Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
441Kb / 11P
   75廓 RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4307 PASTERNACK-PE4307 Datasheet
415Kb / 3P
   BNC Male Right Angle Connector Clamp/Solder Attachment
More results

Similar Description - PE43073

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
   RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
PE43601 PEREGRINE-PE43601 Datasheet
394Kb / 13P
   RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com