Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43702MLI-Z Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE43702MLI-Z
Description  50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43702MLI-Z Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE43702MLI-Z Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE43702
Page 3 of 11
Document No. 70-0244-03
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
30
35
40
45
50
55
60
65
70
0
500
1000 1500 2000 2500 3000 3500 4000 4500
Frequency (MHz)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
Attenuation Setting (dB.)
-40C
+25C
+85C
0
20
40
60
80
100
120
140
012
3456
78
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
01
234
56
78
9
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
-40
-35
-30
-25
-20
-15
-10
-5
0
01
23456
789
Frequency (GHz.)
0dB
0.25dB
0.5dB
1dB
2dB
4dB
8dB
16dB
31.75dB
Figure 7. Insertion Loss vs. Temperature
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
01
23
4
5
6
7
8
9
Frequency (GHz.)
-40C
+25C
+85C
Figure 8. Input Return Loss vs. Attenuation
@ T = +25C
Figure 9. Output Return Loss vs. Attenuation
@ T = +25C
Figure 10. Relative Phase vs. Frequency
Figure 11. Attenuation Error vs. Temperature
@ 4 GHz
Figure 12. Input IP3 vs. Frequency


Similar Part No. - PE43702MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702_14 Datasheet
1,012Kb / 11P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE43702MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com