Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PECL3-0.5 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # PECL3-0.5
Description  3-Bit Programmable Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

PECL3-0.5 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  PECL3-0.5_1 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
PECL3-H 2001-02
27
OPERATING SPECIFICATIONS (10K, PECL3)
V
EESupply Voltage
........................................... -5.20
± 0.25VDC
I
EE
Supply Current ............................................... 60 mA typical
Logic “1” Input:
V
IH ................................................. -.98V min.
I
IH .............................................. 265 µA max.
I
IH (Pin 6) * ...................................
-11mA typ.
Logic “0” Input:
V
IL .............................................. -1.63V max.
I
IL ................................................
0.5
µA min.
I
IL (Pin 6) * ...................................... -2mA typ.
V
OH
Logic “1” Voltage Out ......................................... -.96V min.
V
OL
Logic “0” Voltage Out ....................................... -1.65V max.
P
WI
Input Pulse Width .......................... 40% of Max. Delay min.
Operating Temp. Range (10K, PECL3) ................... -30 to +85OC
Storage Temperature Range ................................ -65 to +150OC
OPERATING SPECIFICATIONS (10KH, 3PECLH)
V
EESupply Voltage
........................................... -5.20
± 0.25VDC
I
EE
Supply Current ............................................... 75 mA typical
Logic “1” Input:
V
IH ................................................. -.98V min.
I
IH .............................................. 320 µA max.
I
IH (Pin 6) * ...................................
-11mA typ.
Logic “0” Input:
V
IL .............................................. -1.63V max.
I
IL ................................................
0.7
µA min.
I
IL (Pin 6) * ...................................... -2mA typ.
V
OH
Logic “1” Voltage Out ......................................... -.96V min.
V
OL
Logic “0” Voltage Out ....................................... -1.65V max.
P
WI
Input Pulse Width .......................... 40% of Max. Delay min.
Operating Temp. Range (10KH, 3PECLH) ................ -0 to +75OC
Storage Temperature Range ................................ -65 to +150OC
* Refer to Input (Pin 6) Loading note above.
.100
(2.54)
TYP.
.045
(1.14)
TYP.
.020
(0.51)
TYP.
.815
(20.70)
.070
(1.78)
.590
(14.99)
.895
(22.73)
MAX.
MAX.
.010
(0.25)
TYP.
.295
(7.49)
MAX.
.010
(0.25)
16-Pin SMD Pkg. Unused leads are NOT removed.
To Specify SMD Package, Add "H" Suffix to P/N
Examples: PECL3-1.25H, 3PECLH-2H
Dimensions in Inches (mm)
ECL 3-Bit
Schematic
1
6
7
Vcc
Vcc
OUT
28
16
15
10
9
E
IN
P1
Vee
P3
P2
3-Bit Programmable
Delay Line
Output
Buffer
MAX.
.260
(6.60)
TYP.
.810
(20.57)
.300
(7.62)
MAX.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
INPUT LOADING: Input, Pin 6, internally connected to eight ECL
gate inputs terminated by Thevenin equivalent of 100 Ohms to -2V.
** INITIAL DELAY & CUMULATIVE TOLERANCES: "Error" Tolerance is for Programmed Delays Referenced to Initial Delay, Setting "000."
For example, the setting "111" delay of PECL3-2 is 14.0
± 0.8 ns ref. to "000," and 17.0 ± 1.3 ns referenced to the input,
and the setting "111" delay of 3PECLH-2 is 14.0
± 0.8 ns ref. to "000," and 15.5 ± 1.3 ns referenced to the input.
_
ENABLE input E , Pin 2, is active low.
Output is disabled (low) when Pin 2 is logic high.
3Bit 10K ECL
DIP Part Number
3-Bit 10KH ECL
DIP Part Number
Delay per
Step (ns)
Error ref.
to "000"
(ns)
Referenced to "000" - Delay (ns) per Program Setting (P3*P2*P1)
"000"=3±0.5ns **
"000"=1.5±.5ns **
000
001
010
011
100
101
110
111
PECL3-0.5
3PECLH-0.5
0.5 ± .25
± .30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
PECL3-0.75
3PECLH0.75
0.75 ± .3
± .50
0.0
0.75
1.50
2.25
3.00
3.75
4.50
5.25
PECL3-1
3PECLH-1
1.0 ± .4
± .50
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
PECL3-1.25
3PECLH1.25
1.25 ± .5
± .70
0.0
1.25
2.50
3.75
5.00
6.25
7.50
8.75
PECL3-1.5
3PECLH-1.5
1.5 ± .5
± .70
0.0
1.5
3.0
4.5
6.0
7.5
9.0
10.5
PECL3-2
3PECLH-2
2.0 ± .7
± .80
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
PECL3-2.5
3PECLH-2.5
2.5 ± .7
± .90
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
PECL3-3
3PECLH-3
3.0 ± .7
± 1.0
0.0
3.0
6.0
9.0
12.0
15.0
18.0
21.0
PECL3-5
3PECLH-5
5.0 ± 1.0
± 1.5
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
PECL3-10
3PECLH-10
10.0 ± 1.5
± 3.0
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
3-Bit Programmable Delay Modules
PECL3 Series 10K ECL Logic
3PECLH Series 10KH ECL Logic
Available in Surface Mount
Electrical Specifications at 25OC


Similar Part No. - PECL3-0.5_1

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
More results

Similar Description - PECL3-0.5_1

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
PLDM4-0.5 RHOMBUS-IND-PLDM4-0.5 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PLDM7-1 RHOMBUS-IND-PLDM7-1 Datasheet
29Kb / 1P
   3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
   ECL Logic 3-Bit Programmable Delay Modules
PPECL2P25 RHOMBUS-IND-PPECL2P25 Datasheet
29Kb / 1P
   100K ECL Logic 4-Bit Programmable Delay Modules
logo
Data Delay Devices, Inc...
PDU138 DATADELAY-PDU138 Datasheet
53Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU138)
PDU13F DATADELAY-PDU13F Datasheet
300Kb / 5P
   3-BIT PROGRAMMABLE DELAY LINE (SERIES PDU13F)
logo
Rhombus Industries Inc.
PLDM8-0.5 RHOMBUS-IND-PLDM8-0.5 Datasheet
31Kb / 1P
   FAST / TTL Buffered I/O 4-Bit Programmable Delay Modules
logo
Data Delay Devices, Inc...
PDU53 DATADELAY-PDU53 Datasheet
250Kb / 4P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU53)
logo
PCA ELECTRONICS INC.
EP8076-1 PCA-EP8076-1 Datasheet
18Kb / 1P
   16 Pin DIP 3 Bit Programmable TTL Delay Lines
logo
Data Delay Devices, Inc...
PDU108H DATADELAY-PDU108H Datasheet
41Kb / 5P
   3-BIT, ECL-INTERFACED PROGRAMMABLE DELAY LINE (SERIES PDU108H)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com