Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2056TSNTR Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ2056TSNTR
Description  Low-Dropout Li-Ion Charge-Control ICs with AutoComp??Charge-Rate Compensation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2056TSNTR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ2056TSNTR Datasheet HTML 3Page - Texas Instruments BQ2056TSNTR Datasheet HTML 4Page - Texas Instruments BQ2056TSNTR Datasheet HTML 5Page - Texas Instruments BQ2056TSNTR Datasheet HTML 6Page - Texas Instruments BQ2056TSNTR Datasheet HTML 7Page - Texas Instruments BQ2056TSNTR Datasheet HTML 8Page - Texas Instruments BQ2056TSNTR Datasheet HTML 9Page - Texas Instruments BQ2056TSNTR Datasheet HTML 10Page - Texas Instruments BQ2056TSNTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Recommended DC Operating Conditions (TA=25°C)
Symbol
Parameter
Min
Typical
Max
Units
Notes
VCC
Supply voltage relative to VSS
5.0
-
17.0
V
ICC
Supply current
-
1
2
mA
INH = LOW
ICCS
Sleep current
-
10
30
µA
INH = HIGH
VIL
Input low
-
-
0.5
V
Pin INH
VIH
Input high
2.0
-
-
V
Pin INH
VOL
Output low
-
-
0.4
V
Pin TRKL, IOL = 1mA
IOH
Leakage current
-
-
1
µA
Pin TRKL
ISNK
Sink current
-
-
40
mA
Pin CC
bq2056/T/V
Impedance
Symbol
Parameter
Min
Typical
Max
Units
Notes
RBAT
BAT pin input impedance
-
1
-
M
RSNS
SNS pin input impedance
-
100
-
k
RCOMP
COMP pin input impedance
-
100
-
k


Similar Part No. - BQ2056TSNTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2050 TI-BQ2050 Datasheet
235Kb / 21P
[Old version datasheet]   Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050 ETC-BQ2050 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI1-BQ2050 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
More results

Similar Description - BQ2056TSNTR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
   Li-ion Battery Charge Control IC
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
   Charge Control IC for Li-Ion Batteries
M62253BGP RENESAS-M62253BGP Datasheet
257Kb / 13P
   Charge Control IC for Li-Ion Batteries
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
   Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M61038FP RENESAS-M61038FP Datasheet
7Mb / 20P
   LI-ION BATTERY CHARGE CONTROL, POWER MANAGEMENT IC
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
   Li-ion Battery Charge Controller IC
logo
Texas Instruments
TWL2213CA TI1-TWL2213CA Datasheet
438Kb / 31P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC AND Li-Ion BATTERY CHARGE CONTROL
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
   1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
[Old version datasheet]   8.4-V Li-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com