Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2145B- Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ2145B-
Description  Smart Battery Module with LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2145B- Datasheet(HTML) 4 Page - Texas Instruments

  BQ2145B- Datasheet HTML 1Page - Texas Instruments BQ2145B- Datasheet HTML 2Page - Texas Instruments BQ2145B- Datasheet HTML 3Page - Texas Instruments BQ2145B- Datasheet HTML 4Page - Texas Instruments BQ2145B- Datasheet HTML 5Page - Texas Instruments BQ2145B- Datasheet HTML 6Page - Texas Instruments BQ2145B- Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
D
1
100K
R17
1
2
BZX84C6V2
D9
1
2
3
OPTIONAL
C4
12
330
R16
1
2
P-
1
0.1UF
C5
12
B+
1
TP6
1
C
1
100
R6
12
100
R8
12
TP3
1
CP2
1
VCC
330
R15
1
2
SDA
SCL
WP
VCC
VSS
A2
A1
A0
24LC01
U2
1
2
3
45
6
7
8
330
R3
1
2
VCC
10K
R12
1
2
10K
R13
1
2
COLOR
D3
1
2
COLOR
D4
1
2
BAV99
D7
1
2
3
VCC
R11
12
1%
B-
1
R5
1
2
1%
R4
1
2
1%
0.1UF
C1
1
2
0.1UF
C3
1
2
100
R18
12
100K
R10
12
COLOR
D5
1
2
330
R2
1
2
COLOR
D2
1
2
DISPLAY
SW1
12
3
4
100
R9
12
100
R7
12
BAV99
D6
1
2
3
2N7002
Q1
TP4
1
BAV99
D8
1
2
3
COLOR
D1
1
2
VCC
0.1UF
C2
12
TP5
1
330
R14
1
2
3W
0.05
R1
1
2
BSS84ZX
Q2
1
2
3
CP1
1
CP2
CPI
DISP
SMBD
SMBC
VOUT
VCC
SR
SB
REF
VSS
SEG5
SEG4
SEG3
SEG2
SEG1
bq2945
U1
1
2
3
4
5
6
7
8
10
9
11
12
13
14
15
16
BAW56
D10
SMBC
SMBD
BAT+
BAT-
1
SEE CHART 1 FOR RESISTOR VALUES.
1
11
1
86.5K
1M
909K
604K
402K
162K
909K
909K
86.5K
909K
100K
100K
100K
100K
100K
100K
100K
909K
806K
698K
499K
698K
499K
301K
R4
12
10
9
8
6
4
3
2
CHART 1
# OF CELLS
R11
R5
PACK-
OPTIONAL 6.2V
bq2145 Schematic
bq2145 Preliminary


Similar Part No. - BQ2145B-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2148 TI-BQ2148 Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
BQ2148B- TI-BQ2148B- Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
BQ2148B-KT TI-BQ2148B-KT Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
BQ2148B-XXX TI-BQ2148B-XXX Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
BQ2148LB- TI-BQ2148LB- Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
More results

Similar Description - BQ2145B-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ219XL TI-BQ219XL Datasheet
351Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ219XLB-018 TI1-BQ219XLB-018 Datasheet
357Kb / 7P
[Old version datasheet]   Smart Battery Module with LEDs
BQ2148 TI-BQ2148 Datasheet
1Mb / 8P
[Old version datasheet]   Smart Battery Module with LEDs and Pack Supervisor
logo
Dallas Semiconductor
DS1260 DALLAS-DS1260 Datasheet
273Kb / 8P
   Smart Battery
logo
Maxim Integrated Produc...
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
070600
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
   Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
   Smart Battery Monitor
070605
logo
Dallas Semiconductor
DS2437 DALLAS-DS2437 Datasheet
1Mb / 31P
   Smart Battery Monitor
logo
Linear Technology
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com